Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S64323LF-DN75-PB Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4S64323LF-DN75-PB
Description  2Mx32 Mobile SDRAM 90FBGA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S64323LF-DN75-PB Datasheet(HTML) 4 Page - Samsung semiconductor

  K4S64323LF-DN75-PB Datasheet HTML 1Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 2Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 3Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 4Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 5Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 6Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 7Page - Samsung semiconductor K4S64323LF-DN75-PB Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
K4S64323LF-S(D)N/U/P
Rev. 1.5 Dec 2002
CMOS SDRAM
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25
°C to 85°C for Extended, -40°C to 85°C for Industrial)
Notes:
1. VIH (max) = 3.0V AC.The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
4. Dout is disabled, 0V
≤ VOUT ≤ VDDQ.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
2.3
2.5
2.7
V
VDDQ
1.65
-
2.7
V
Input logic high voltage
VIH
0.8 x V DDQ
-
VDDQ + 0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.3
V
2
Output logic high voltage
VOH
VDDQ -0.2V
-
-
V
IOH = -0.1mA
Output logic low voltage
VOL
-
-
0.2
V
IOL = 0.1mA
Input leakage current
ILI
-10
-
10
uA
3
CAPACITANCE (VDD = 2.5V, TA = 23
°C, f = 1MHz, VREF =0.9V ± 50 mV)
Pin
Symbol
Min
Max
Unit
Note
Clock
CCLK
-
4.0
pF
RAS, CAS, WE, CS, CKE, DQM0~ DQM3
CIN
-
4.0
pF
Address(A0 ~ A10, BA0 ~ BA1)
CADD
-
4.0
pF
DQ0 ~ DQ31
COUT
-
6.0
pF
ABSOLUTE MAXIMUM RATINGS
Notes :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 3.6
V
Voltage on V DD supply relative to Vss
VDD, VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA


Similar Part No. - K4S64323LF-DN75-PB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-DG/S15 SAMSUNG-K4S64323LF-DG/S15 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG/S1H SAMSUNG-K4S64323LF-DG/S1H Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG/S1L SAMSUNG-K4S64323LF-DG/S1L Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG/S75 SAMSUNG-K4S64323LF-DG/S75 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-DG15 SAMSUNG-K4S64323LF-DG15 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
More results

Similar Description - K4S64323LF-DN75-PB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-S SAMSUNG-K4S64323LF-S Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323PF SAMSUNG-K4S56323PF Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com