Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8571SC971-BA Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8571SC971-BA
Description  1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8571SC971-BA Datasheet(HTML) 1 Page - California Eastern Labs

  NX8571SC971-BA Datasheet HTML 1Page - California Eastern Labs NX8571SC971-BA Datasheet HTML 2Page - California Eastern Labs NX8571SC971-BA Datasheet HTML 3Page - California Eastern Labs NX8571SC971-BA Datasheet HTML 4Page - California Eastern Labs NX8571SC971-BA Datasheet HTML 5Page - California Eastern Labs NX8571SC971-BA Datasheet HTML 6Page - California Eastern Labs NX8571SC971-BA Datasheet HTML 7Page - California Eastern Labs NX8571SC971-BA Datasheet HTML 8Page - California Eastern Labs NX8571SC971-BA Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LASER DIODE
NX8571 Series
1 550 nm CW LIGHT SOURCE
InGaAsP MQW-DFB LASER DIODE MODULE
WITH WAVELENGTH MONITOR
DESCRIPTION
The NX8571 Series is a 1 550 nm Multiple Quantum Well (MQW)
structured Distributed Feed-Back (DFB) laser diode module with wavelength
monitor function.
This device is temperature tunable over 4
× 50 GHz
channels. Available at both C-band (1530.334 to 1565.087 nm) and L-band
(1565.496 to 1608.760 nm) ITU-T grid wavelengths.
This device is designed as CW light source and ideal for transmission
systems in which external modulators are used.
FEATURES
• Wavelength monitor function (Etalon Filter, Wavelength monitor PD)
• Optical output power: Pf = 10 mW MIN.
• Available for DWDM wavelengths based on ITU-T recommendations
(50 GHz grid)
• 4-channel wavelength tunable capability for 50 GHz-spacing
(NX8571S
××××D)
• Internal thermo-electric cooler and isolator
• Hermetically sealed 14-pin butterfly package
• Polarization maintain fiber pigtail
Document No. PL10136EJ03V0DS (3rd edition)
Date Published June 2004 CP (K)
© NEC Compound Semiconductor Devices, Ltd. 2002, 2004
The mark
shows major revised points.


Similar Part No. - NX8571SC971-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8571SC916D-BA RENESAS-NX8571SC916D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8571SC971-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com