Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT573CTL Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT573CTL
Description  FAST CMOS OCTAL TRANSPARENT LATCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT573CTL Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT573CTL Datasheet HTML 1Page - Integrated Device Technology IDT54FCT573CTL Datasheet HTML 2Page - Integrated Device Technology IDT54FCT573CTL Datasheet HTML 3Page - Integrated Device Technology IDT54FCT573CTL Datasheet HTML 4Page - Integrated Device Technology IDT54FCT573CTL Datasheet HTML 5Page - Integrated Device Technology IDT54FCT573CTL Datasheet HTML 6Page - Integrated Device Technology IDT54FCT573CTL Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT573T/AT/CT
FASTCMOSOCTALTRANSPARENTLATCH
5
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This limit is guaranteed but not tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - MILITARY
54FCT573T
54FCT573AT
54FCT573CT
Symbol Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
8.5
1.5
5.6
1.5
5.1
ns
tPHL
Dx to Ox
RL = 500
tPLH
PropagationDelay
2
15
2
9.8
2
8
ns
tPHL
LE to Ox
tPZH
OutputEnableTime
1.5
13.5
1.5
7.5
1.5
6.3
ns
tPZL
tPHZ
OutputDisableTime
1.5
10
1.5
6.5
1.5
5.9
ns
tPLZ
tSU
Set-up Time, HIGH or LOW
2
2
2
ns
Dx to LE
tH
Hold Time, HIGH or LOW
1.5
1.5
1.5
ns
Dx to LE
tW
LE Pulse Width HIGH(3)
6
6—
6—
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL
74FCT573AT
74FCT573CT
Symbol Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
1.5
5.2
1.5
4.2
ns
tPHL
Dx to Ox
RL = 500
tPLH
PropagationDelay
2
8.5
2
5.5
ns
tPHL
LE to Ox
tPZH
OutputEnableTime
1.5
6.5
1.5
5.5
ns
tPZL
tPHZ
OutputDisableTime
1.5
5.5
1.5
5
ns
tPLZ
tSU
Set-up Time, HIGH or LOW
2
2
ns
Dx to LE
tH
Hold Time, HIGH or LOW
1.5
1.5
ns
Dx to LE
tW
LE Pulse Width HIGH(3)
5—
5
ns


Similar Part No. - IDT54FCT573CTL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT573CTL IDT-IDT54FCT573CTL Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT573CTLB IDT-IDT54FCT573CTLB Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT54FCT573CTL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT2373AT RENESAS-IDT74FCT2373AT Datasheet
245Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCH
SEPTEMBER 2009
IDT74FCT3573 RENESAS-IDT74FCT3573 Datasheet
240Kb / 8P
   3.3V CMOS OCTAL TRANSPARENT LATCH
OCTOBER 2009
logo
Motorola, Inc
MC74LVQ373 MOTOROLA-MC74LVQ373 Datasheet
214Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX373 MOTOROLA-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
logo
ON Semiconductor
MC74LCX373 ONSEMI-MC74LCX373 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 4
MC74LCX573 ONSEMI-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
1996 REV 3
logo
Motorola, Inc
MC74LVQ573 MOTOROLA-MC74LVQ573 Datasheet
215Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
MC74LCX573 MOTOROLA-MC74LCX573 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com