Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8571SC963-BA Datasheet(PDF) 11 Page - California Eastern Labs

Part # NX8571SC963-BA
Description  1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8571SC963-BA Datasheet(HTML) 11 Page - California Eastern Labs

Back Button NX8571SC963-BA Datasheet HTML 6Page - California Eastern Labs NX8571SC963-BA Datasheet HTML 7Page - California Eastern Labs NX8571SC963-BA Datasheet HTML 8Page - California Eastern Labs NX8571SC963-BA Datasheet HTML 9Page - California Eastern Labs NX8571SC963-BA Datasheet HTML 10Page - California Eastern Labs NX8571SC963-BA Datasheet HTML 11Page - California Eastern Labs NX8571SC963-BA Datasheet HTML 12Page - California Eastern Labs NX8571SC963-BA Datasheet HTML 13Page - California Eastern Labs NX8571SC963-BA Datasheet HTML 14Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (7/7)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Monitor Slope
4 channel tunable
single channel
(nm)
(THz)
6070D
6057
1605.74
186.70
Negative
6061
1606.17
186.65
Positive
6066
1606.60
186.60
Negative
6070
1607.03
186.55
Positive
6087D
6074
1607.46
186.50
Negative
6078
1607.89
186.45
Positive
6083
1608.32
186.40
Negative
6087
1608.76
186.35
Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10136EJ03V0DS
11


Similar Part No. - NX8571SC963-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8571SC916D-BA RENESAS-NX8571SC916D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8571SC963-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com