Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S64323LF-SP1L Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4S64323LF-SP1L
Description  2Mx32 Mobile SDRAM 90FBGA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S64323LF-SP1L Datasheet(HTML) 7 Page - Samsung semiconductor

  K4S64323LF-SP1L Datasheet HTML 1Page - Samsung semiconductor K4S64323LF-SP1L Datasheet HTML 2Page - Samsung semiconductor K4S64323LF-SP1L Datasheet HTML 3Page - Samsung semiconductor K4S64323LF-SP1L Datasheet HTML 4Page - Samsung semiconductor K4S64323LF-SP1L Datasheet HTML 5Page - Samsung semiconductor K4S64323LF-SP1L Datasheet HTML 6Page - Samsung semiconductor K4S64323LF-SP1L Datasheet HTML 7Page - Samsung semiconductor K4S64323LF-SP1L Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
K4S64323LF-S(D)N/U/P
Rev. 1.5 Dec 2002
CMOS SDRAM
AC CHARACTERISTICS(AC operating conditions unless otherwise noted)
Notes :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Parameter
Symbol
- 75
-1H
-1L
- 15
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS latency=3
tCC
7.5
1000
9.5
1000
9.5
1000
15
1000
ns
1
CAS latency=2
9.5
9.5
12
15
CAS latency=1
-
-
25
30
CLK to valid output delay
CAS latency=3
tSAC
5.4
7
7
9
ns
1,2
CAS latency=2
7
7
8
9
CAS latency=1
-
-
20
24
Output data hold time
CAS latency=3
tOH
2.5
2.5
2.5
2.5
ns
2
CAS latency=2
2.5
2.5
2.5
2.5
CAS latency=1
-
-
2.5
2.5
CLK high pulse width
tCH
2.5
3
3
3.5
ns
3
CLK low pulse width
tCL
2.5
3
3
3.5
ns
3
Input setup time
tSS
2.0
2.5
2.5
3.5
ns
3
Input hold time
tSH
1.0
1.5
1.5
2.0
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
1
ns
2
CLK to output in Hi-Z
CAS latency=3
tSHZ
5.4
7
7
9
ns
CAS latency=2
7
7
8
9
CAS latency=1
-
-
20
24
Notes :
1. Samsung are not designed or manufactured for use in a device or system that is used under circumstance in which human life
is potentially at stake. Please contact to the memory marketing team in samsung electronics when considering the use of
a product contained herein for any specific purpose, such as medical, aerospace, nuclear, military, vehicular or undersea
repeater use.


Similar Part No. - K4S64323LF-SP1L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-S SAMSUNG-K4S64323LF-S Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-SG/S15 SAMSUNG-K4S64323LF-SG/S15 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-SG/S1H SAMSUNG-K4S64323LF-SG/S1H Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-SG/S1L SAMSUNG-K4S64323LF-SG/S1L Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S64323LF-SG/S75 SAMSUNG-K4S64323LF-SG/S75 Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
More results

Similar Description - K4S64323LF-SP1L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S64323LF-S SAMSUNG-K4S64323LF-S Datasheet
64Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323PF SAMSUNG-K4S56323PF Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com