Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1201P100G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1201P100G
Description  PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power with Fault Protection Modes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1201P100G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1201P100G Datasheet HTML 1Page - ON Semiconductor NCP1201P100G Datasheet HTML 2Page - ON Semiconductor NCP1201P100G Datasheet HTML 3Page - ON Semiconductor NCP1201P100G Datasheet HTML 4Page - ON Semiconductor NCP1201P100G Datasheet HTML 5Page - ON Semiconductor NCP1201P100G Datasheet HTML 6Page - ON Semiconductor NCP1201P100G Datasheet HTML 7Page - ON Semiconductor NCP1201P100G Datasheet HTML 8Page - ON Semiconductor NCP1201P100G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCP1201
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Function
Description
1
BOK
Bulk OK
This pin detects the input line voltage by sensing the bulk capacitor, and
disables the PWM when line voltage is lower than normal.
2
FB
Sets the Peak Current Setpoint
By connecting an optocoupler to this pin, the peak current setpoint is ad-
justed according to the output power demand. Internal monitoring of this
pin level triggers the fault management circuitry.
3
CS
Current Sense Input
This pin senses the primary inductor current and routes it to the internal
comparator via an LEB circuit.
4
GND
The IC Ground
5
DRV
Driving Pulses
The driver’s output to an external MOSFET.
6
VCC
Supplies the IC
This pin is connected to an external bulk capacitor of typically 10
mF.
7
NC
No Connection
This unconnected pin ensures adequate creepage distance between High
Voltage pin to other pins.
8
HV
Generates the VCC from the Line
Connected to the high−voltage rail, this pin injects a constant current into
the VCC capacitor.
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Power Supply Voltage, Pin 6
VCC
−0.3, 16
V
Input/Output Pins
Pins 1, 2, 3, 5
VIO
−0.3, 6.5
V
Maximum Voltage on Pin 8 (HV)
VHV
500
V
Thermal Resistance, Junction−to−Air, PDIP−8 Version
Thermal Resistance, Junction−to−Air, SOIC Version
RqJA
RqJA
100
178
°C/W
°C/W
Operating Junction Temperature Range
TJ
−40 to +150
°C
Operating Ambient Temperature Range
TA
−25 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
ESD Capability, HBM (All pins except VCC and HV pins) (Note 1)
2.0
kV
ESD Capability, Machine Model (All pins except VCC and HV pins) (Note 1)
200
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM) > 2.0 kV per JEDEC standard: JESD22−A114.
Machine Model (MM) > 200 V per JEDEC standard: JESD22−A115.
2. Latchup Current Maximum Rating:
±150 mA per JEDEC standard: JESD78.


Similar Part No. - NCP1201P100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1201P100G ONSEMI-NCP1201P100G Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
More results

Similar Description - NCP1201P100G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1201 ONSEMI-NCP1201_06 Datasheet
242Kb / 19P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Low Standby Power with Fault Protection Modes
February, 2006 ??Rev. 4
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1203 ONSEMI-NCP1203_15 Datasheet
257Kb / 15P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit Protection
April, 2015 ??Rev. 12
NCP1203 ONSEMI-NCP1203_10 Datasheet
374Kb / 15P
   PWM Current--Mode Controller for Universal Off--Line Supplies Featuring Standby and Short Circuit Protection
December, 2010-- Rev. 10
NCP1203 ONSEMI-NCP1203 Datasheet
145Kb / 14P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Standby and Short Circuit
October, 2004??Rev. 4
NCP1200 ONSEMI-NCP1200_15 Datasheet
287Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 ??Rev. 19
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1203 ONSEMI-NCP1203_05 Datasheet
209Kb / 15P
   PWM Current?묺ode Controller for Universal Off?묹ine Supplies Featuring Standby and Short Circuit Protection
October, 2005??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com