Electronic Components Datasheet Search |
|
IDT70V5378S133BGI Datasheet(PDF) 10 Page - Integrated Device Technology |
|
IDT70V5378S133BGI Datasheet(HTML) 10 Page - Integrated Device Technology |
10 / 29 page 10 IDT70V5388/78 3.3V 64/32K x 18 Synchronous FourPort™ Static RAM Industrial and Commercial Temperature Ranges 70V5388/78S200 Com'l Only 70V5388/78S166 Com'l & Ind 70V5388/78S133 Com'l & Ind 70V5388/78S100 Com'l & Ind Symbol Parameter Test Condition Version Typ.(4) Max. Typ.(4) Max. Typ.(4) Max. Typ.(4) Max. Unit IDD Dynamic Operating Current (All Ports Active) CE1 = CE2 = CE3 = CE4(5) = VIL, Outputs Disabled, f = fMAX(1) COM'L S 405 470 340 395 275 320 205 240 mA IND S ___ ___ 340 400 275 325 205 245 ISB1 Standby Current (All Ports - TTL Level Inputs) CE1 = CE2 = CE3 = CE4(5) = VIH, Outputs Disabled, f = fMAX(1) COM'L S 195 225 160 190 130 155 100 120 mA IND S ___ ___ 160 195 130 160 100 125 ISB2 Standby Current (One Port - TTL Level Inputs) CEA = VIL and CEB = CEC = CED = VIH(5) Active Port, Outputs Disabled, f=fMAX(1) COM'L S 250 290 210 240 170 195 130 150 mA IND S ___ ___ 210 245 170 200 130 155 ISB3 Full Standby Current (All Ports - CMOS Level Inputs) All Ports Outputs Disabled, CE(5) > VDD - 0.2V, VIN > VDD - 0.2V or VIN < 0.2V, f = 0(2) COM'L S 1.5151.5 15 1.5151.5 15 mA IND S ___ ___ 1.5151.5 15 1.515 ISB4 Full Standby Current (One Port - CMOS Level Inputs) CEA < 0.2V and CEB = CEC = CED > VDD - 0.2V(5) VIN > VDD - 0.2V or VIN < 0.2V Active Port, Outputs Disabled, f = fMAX(1) COM'L S 250 290 210 240 170 195 130 150 mA IND S ___ ___ 210 245 170 200 130 155 5649 tbl 11 DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(3) (VDD = 3.3V ± 150mV) NOTES: 1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input levels of GND to 3V. 2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby. 3. Parameters are identical for all ports. 4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 120mA (Typ). 5. CEX = VIL means CE0X = VIL and CE1X = VIH CEX = VIH means CE0X = VIH or CE1X = VIL CEX < 0.2V means CE0X < 0.2V and CE1X > VDD - 0.2V CEX > VDD - 0.2V means CE0X > VDD - 0.2V or CE1X - 0.2V "X" represents indicator for appropriate port. |
Similar Part No. - IDT70V5378S133BGI |
|
Similar Description - IDT70V5378S133BGI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |