Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1004V1D-KI08 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6R1004V1D-KI08
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004V1D-KI08 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6R1004V1D-KI08 Datasheet HTML 1Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 2Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 3Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 4Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 5Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 6Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 7Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 8Page - Samsung semiconductor K6R1004V1D-KI08 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 1 -
July 2004
PRELIMINARY
K6R1004V1D
CMOS SRAM
for AT&T
Document Title
64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating)
Operated at Commercial and Industrial Temperature Ranges.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev.No.
Rev. 0.0
Rev. 0.1
Rev. 0.2
Rev. 1.0
Rev. 2.0
Rev. 3.0
Remark
Preliminary
Preliminary
Preliminary
Final
Final
Final
History
Initial document.
Speed bin modify
Current modify
1. Final datasheet release
2. Delete 12ns speed bin.
3. Change Icc for Industrial mode.
1. Delete UB,LB releated timing diagram.
1. Add the Lead Free Package type.
Item
Previous
Current
ICC(Industrial)
8ns
100mA
90mA
10ns
85mA
75mA
Draft Data
May. 11. 2001
June. 18. 2001
September. 9. 2001
December. 18. 2001
June. 19. 2002
July. 26, 2004


Similar Part No. - K6R1004V1D-KI08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004V1D-KI08 SAMSUNG-K6R1004V1D-KI08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1004V1D-KI08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com