Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14016BCP Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC14016BCP
Description  Quad Analog Switch/Quad Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14016BCP Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC14016BCP Datasheet HTML 3Page - ON Semiconductor MC14016BCP Datasheet HTML 4Page - ON Semiconductor MC14016BCP Datasheet HTML 5Page - ON Semiconductor MC14016BCP Datasheet HTML 6Page - ON Semiconductor MC14016BCP Datasheet HTML 7Page - ON Semiconductor MC14016BCP Datasheet HTML 8Page - ON Semiconductor MC14016BCP Datasheet HTML 9Page - ON Semiconductor MC14016BCP Datasheet HTML 10Page - ON Semiconductor MC14016BCP Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC14016B
http://onsemi.com
7
Figure 12. Typical Insertion Loss/Bandwidth
Characteristics
Figure 13. Frequency Response Test Circuit
VC
Vout
RL
Vin
+ 2.5 Vdc
0.0 Vdc
– 2.5 Vdc
100 M
10 M
1.0 M
100 k
10 k
2.0
0
– 2.0
RL = 1 MΩ AND 100 kΩ
fin, INPUT FREQUENCY (Hz)
– 4.0
– 6.0
– 8.0
–10
–12
10 k
1.0 k
– 3.0 dB (RL = 1.0 MΩ )
– 3.0 dB (RL = 10 kΩ )
– 3.0 dB (RL = 1.0 kΩ )
Figure 14.
∆V Across Switch
CONTROL
SECTION
OF IC
SOURCE
V
LOAD
ON SWITCH


Similar Part No. - MC14016BCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14016BCP MOTOROLA-MC14016BCP Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14016BCP ONSEMI-MC14016BCP Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016BCPG ONSEMI-MC14016BCPG Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
More results

Similar Description - MC14016BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
logo
Motorola, Inc
MC14016B MOTOROLA-MC14016B Datasheet
270Kb / 9P
   Quad Analog Switch/Quad Multiplexer
logo
ON Semiconductor
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com