Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71P72604S167BQ Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT71P72604S167BQ
Description  18Mb Pipelined QDRII SRAM Burst of 2
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71P72604S167BQ Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT71P72604S167BQ Datasheet HTML 1Page - Integrated Device Technology IDT71P72604S167BQ Datasheet HTML 2Page - Integrated Device Technology IDT71P72604S167BQ Datasheet HTML 3Page - Integrated Device Technology IDT71P72604S167BQ Datasheet HTML 4Page - Integrated Device Technology IDT71P72604S167BQ Datasheet HTML 5Page - Integrated Device Technology IDT71P72604S167BQ Datasheet HTML 6Page - Integrated Device Technology IDT71P72604S167BQ Datasheet HTML 7Page - Integrated Device Technology IDT71P72604S167BQ Datasheet HTML 8Page - Integrated Device Technology IDT71P72604S167BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MAY 2004
DSC-6109/0C
©2003 Integrated Device Technology, Inc. “QDR SRAMs and Quad Data Rate RAMs comprise a new family of products developed by Cypress Semiconductor, IDT, and Micron Technology, Inc. “
1
18Mb Pipelined
QDR™II SRAM
Burst of 2
Advance
Information
IDT71P72204
IDT71P72104
IDT71P72804
IDT71P72604
Features
x
18Mb Density (2Mx8, 2Mx9, 1Mx18, 512kx36)
x
Separate, Independent Read and Write Data Ports
-
Supports concurrent transactions
x
Dual Echo Clock Output
x
2-Word Burst on all SRAM accesses
x
DDR (Double Data Rate) Multiplexed Address Bus
-
One Read and One Write request per clock cycle
x
DDR (Double Data Rate) Data Buses
-
Two word burst data per clock on each port
-
Four word transfers per clock cycle (2 word
bursts on 2 ports)
x
Depth expansion through Control Logic
x
HSTL (1.5V) inputs that can be scaled to receive signals
from 1.4V to 1.9V.
x
Scalable output drivers
-
Can drive HSTL, 1.8V TTL or any voltage level
from 1.4V to 1.9V.
-
Output Impedance adjustable from 35 ohms to 70
ohms
x
1.8V Core Voltage (VDD)
x
165-ball, 1.0mm pitch, 13mm x 15mm fBGA Package
x
JTAG Interface
Description
The IDT QDRIITM Burst of two SRAMs are high-speed synchronous
memories with independent, double-data-rate (DDR), read and write
data ports. This scheme allows simultaneous read and write access for
the maximum device throughput, with two data items passed with each
read or write. Four data word transfers occur per clock cycle, providing
quad-data-rate (QDR) performance. Comparing this with standard SRAM
common I/O (CIO), single data rate (SDR) devices, a four to one in-
crease in data access is achieved at equivalent clock speeds. Consider-
ing that QDRII allows clock speeds in excess of standard SRAM de-
vices, the throughput can be increased well beyond four to one in most
applications.
Using independent ports for read and write data access, simplifies
system design by eliminating the need for bi-directional buses. All buses
associated with the QDRII are unidirectional and can be optimized for
signal integrity at very high bus speeds. The QDRII has scalable output
impedance on its data output bus and echo clocks, allowing the user to
tune the bus for low noise and high performance.
The QDRII has a single DDR address bus with multiplexed read and
write addresses. All read addresses are received on the first half of the
clock cycle and all write addresses are received on the second half of the
clock cycle. The read and write enables are received on the first half of
the clock cycle. The byte and nibble write signals are received on both
halves of the clock cycle simultaneously with the data they are controlling
on the data input bus.
The QDRII has echo clocks, which provide the user with a clock
Functional Block Diagram
Notes
1) Represents 8 data signal lines for x8, 9 signal lines for x9, 18 signal lines for x18, and 36 signal lines for x36
2) Represents 20 address signal lines for x8 and x9, 19 address signal lines for x18, and 18 address signal lines for x36.
3) Represents 1 signal line for x9, 2 signal lines for x18, and four signal lines for x36. On x8 parts, the
BW is a “nibble write” and there are 2
signal lines.
4) Represents 16 data signal lines for x8, 18 signal lines for x9, 36 signal lines for x18, and 72 signal lines for x36.
ADD
REG
CTRL
LOGIC
CLK
GEN
(Note2)
SA
R
W
(Note3)
BWx
K
K
C
C
SELECT OUTPUT CONTROL
WRITE DRIVER
(Note4)
(Note2)
CQ
Q
(Note1)
(Note4)
18M
MEMORY
ARRAY
CQ
DATA
REG
(Note1)
(Note1)
6109 drw 16
DATA
REG
(Note1)
D


Similar Part No. - IDT71P72604S167BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P73104 IDT-IDT71P73104 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104167BQ IDT-IDT71P73104167BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104200BQ IDT-IDT71P73104200BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P73104250BQ IDT-IDT71P73104250BQ Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
More results

Similar Description - IDT71P72604S167BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P71804 IDT-IDT71P71804 Datasheet
228Kb / 23P
   18Mb Pipelined DDR?줚I SRAM Burst of 2
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
logo
GSI Technology
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200 GSI-GS8180QV18BD-200 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167I GSI-GS8180QV18BGD-167I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com