Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8570SC916-BA Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX8570SC916-BA
Description  1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8570SC916-BA Datasheet(HTML) 5 Page - California Eastern Labs

  NX8570SC916-BA Datasheet HTML 1Page - California Eastern Labs NX8570SC916-BA Datasheet HTML 2Page - California Eastern Labs NX8570SC916-BA Datasheet HTML 3Page - California Eastern Labs NX8570SC916-BA Datasheet HTML 4Page - California Eastern Labs NX8570SC916-BA Datasheet HTML 5Page - California Eastern Labs NX8570SC916-BA Datasheet HTML 6Page - California Eastern Labs NX8570SC916-BA Datasheet HTML 7Page - California Eastern Labs NX8570SC916-BA Datasheet HTML 8Page - California Eastern Labs NX8570SC916-BA Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NX8570 Series
ORDERING INFORMATION
NX8570SC
-BA
With FC-PC connector
Without : Single channel
D
: 4 channel tunable
Package code
Wavelength code : Refer to Table A
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (1/7)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Monitor Slope
4 channel tunable
single channel
(nm)
(THz)
315D
303
1530.33
195.90
Negative
307
1530.72
195.85
Positive
311
1531.11
195.80
Negative
315
1531.50
195.75
Positive
330D
318
1531.89
195.70
Negative
322
1532.29
195.65
Positive
326
1532.68
195.60
Negative
330
1533.07
195.55
Positive
346D
334
1533.46
195.50
Negative
338
1533.85
195.45
Positive
342
1534.25
195.40
Negative
346
1534.64
195.35
Positive
362D
350
1535.03
195.30
Negative
354
1535.42
195.25
Positive
358
1535.82
195.20
Negative
362
1536.21
195.15
Positive
377D
366
1536.60
195.10
Negative
370
1537.00
195.05
Positive
373
1537.39
195.00
Negative
377
1537.79
194.95
Positive
393D
381
1538.18
194.90
Negative
385
1538.58
194.85
Positive
389
1538.97
194.80
Negative
393
1539.37
194.75
Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10135EJ03V0DS
5


Similar Part No. - NX8570SC916-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8570SC303-BA RENESAS-NX8570SC303-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC307-BA RENESAS-NX8570SC307-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC311-BA RENESAS-NX8570SC311-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC315-BA RENESAS-NX8570SC315-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
NX8570SC315DD-BA RENESAS-NX8570SC315DD-BA Datasheet
315Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8570SC916-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8571 CEL-NX8571 Datasheet
793Kb / 14P
   1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX6514EH CEL-NX6514EH Datasheet
904Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
Renesas Technology Corp
NX6511GH RENESAS-NX6511GH_15 Datasheet
190Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
NX6510GH RENESAS-NX6510GH_15 Datasheet
207Kb / 7P
   LASER DIODE 1 550 nm InGaAsP MQW-DFB LASER DIODE
logo
California Eastern Labs
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com