Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1004V1D Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K6R1004V1D
Description  64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004V1D Datasheet(HTML) 6 Page - Samsung semiconductor

  K6R1004V1D Datasheet HTML 1Page - Samsung semiconductor K6R1004V1D Datasheet HTML 2Page - Samsung semiconductor K6R1004V1D Datasheet HTML 3Page - Samsung semiconductor K6R1004V1D Datasheet HTML 4Page - Samsung semiconductor K6R1004V1D Datasheet HTML 5Page - Samsung semiconductor K6R1004V1D Datasheet HTML 6Page - Samsung semiconductor K6R1004V1D Datasheet HTML 7Page - Samsung semiconductor K6R1004V1D Datasheet HTML 8Page - Samsung semiconductor K6R1004V1D Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PRELIMINARY
Rev. 3.0
- 6 -
July 2004
PRELIMINARY
K6R1004V1D
CMOS SRAM
for AT&T
Address
Data Out
Previous Valid Data
Valid Data
TIMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
WRITE CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R1004V1D-08
K6R1004V1D-10
Unit
Min
Max
Min
Max
Write Cycle Time
tWC
8-
10
-
ns
Chip Select to End of Write
tCW
6-7-
ns
Address Set-up Time
tAS
0-0-
ns
Address Valid to End of Write
tAW
6-7-
ns
Write Pulse Width(OE High)
tWP
6-7-
ns
Write Pulse Width(OE Low)
tWP1
8-
10
-
ns
Write Recovery Time
tWR
0-0-
ns
Write to Output High-Z
tWHZ
04
05
ns
Data to Write Time Overlap
tDW
4-5-
ns
Data Hold from Write Time
tDH
0-0-
ns
End of Write to Output Low-Z
tOW
3-3-
ns
Valid Data
High-Z
tRC
CS
Address
OE
Data out
tHZ(3,4,5)
tAA
tCO
tOE
tOLZ
tLZ(4,5)
tOHZ
tPU
tPD
50%
50%
VCC
Current
ICC
ISB
tDH


Similar Part No. - K6R1004V1D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004V1D-JC08 SAMSUNG-K6R1004V1D-JC08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1D-JC10 SAMSUNG-K6R1004V1D-JC10 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1D-JI08 SAMSUNG-K6R1004V1D-JI08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1D-JI10 SAMSUNG-K6R1004V1D-JI10 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1D-KC08 SAMSUNG-K6R1004V1D-KC08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1004V1D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com