Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGA03N120H2 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IGA03N120H2
Description  HighSpeed 2-Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGA03N120H2 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IGA03N120H2 Datasheet HTML 1Page - Infineon Technologies AG IGA03N120H2 Datasheet HTML 2Page - Infineon Technologies AG IGA03N120H2 Datasheet HTML 3Page - Infineon Technologies AG IGA03N120H2 Datasheet HTML 4Page - Infineon Technologies AG IGA03N120H2 Datasheet HTML 5Page - Infineon Technologies AG IGA03N120H2 Datasheet HTML 6Page - Infineon Technologies AG IGA03N120H2 Datasheet HTML 7Page - Infineon Technologies AG IGA03N120H2 Datasheet HTML 8Page - Infineon Technologies AG IGA03N120H2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IGA03N120H2
Power Semiconductors
4
Mar-04, Rev. 2.0
10Hz
100Hz
1kHz
10kHz
100kHz
0A
2A
4A
6A
8A
10A
12A
T
C= 100°C
T
C= 25°C
1V
10V
100V
1000V
0,01A
0,1A
1A
10A
50
µs
DC
100ms
100
µs
20
µs
1ms
t
p=1 0 µs
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj
≤ 150°C, D = 0.5, VCE = 800V,
VGE = +15V/0V, RG = 82
Ω)
Figure 2. Safe operating area
(D = 0, TC = 25
°C, Tj ≤ 150°C)
25°C
50°C
75°C
100°C 125°C 150°C
0W
10W
20W
30W
25°C
50°C
75°C
100°C
125°C
150°C
0A
2A
4A
6A
8A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function
of case temperature
(Tj
≤ 150°C)
Figure 4. Collector current as a function of
case temperature
(VGE
≤ 15V, Tj ≤ 150°C)
Ic
Ic


Similar Part No. - IGA03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGA30N60H3 INFINEON-IGA30N60H3 Datasheet
1Mb / 15P
   High speed switching series third generation
2010-07-21 revision:2.1
logo
Advanced Energy Industr...
IGA50-LOPLUS ADVANCEDENERGY-IGA50-LOPLUS Datasheet
650Kb / 8P
   IMPAC IS 50-LO PLUS AND IGA 50-LO PLUS SERIES
logo
ORing Industrial Networ...
IGAP-420 ORING-IGAP-420 Datasheet
858Kb / 6P
   Industrial IEEE 802.11 b/g/n wireless access point
IGAP-620 ORING-IGAP-620 Datasheet
656Kb / 6P
   Industrial IEEE 802.11 a/b/g/n wireless access point
IGAP-6620 ORING-IGAP-6620 Datasheet
378Kb / 5P
   Industrial Dual RF in IEEE 802.11 a/b/g/n Wireless Access Point
More results

Similar Description - IGA03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGB01N120H2 INFINEON-IGB01N120H2_07 Datasheet
1Mb / 12P
   HighSpeed 2-Technology
Rev. 2.4 Oct. 07
IGP03N120H2 INFINEON-IGP03N120H2_08 Datasheet
346Kb / 13P
   HighSpeed 2-Technology
Rev. 2.6 Febr. 08
IGW03N120H2 INFINEON-IGW03N120H2 Datasheet
397Kb / 13P
   HighSpeed 2-Technology
Rev. 2, Mar-04
IGB01N120H2 INFINEON-IGB01N120H2 Datasheet
390Kb / 13P
   HighSpeed 2-Technology
Rev. 2, Mar-04
IGP01N120H2 INFINEON-IGP01N120H2_07 Datasheet
912Kb / 13P
   HighSpeed 2-Technology
Rev. 2.4 Sept. 07
logo
TE Connectivity Ltd
114-94706 TEC-114-94706 Datasheet
1Mb / 26P
   DT Highspeed DT Highspeed
07 MAR 2023 Rev. B
logo
Infineon Technologies A...
IKP03N120H2 INFINEON-IKP03N120H2 Datasheet
431Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKA03N120H2 INFINEON-IKA03N120H2 Datasheet
335Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Mar-04, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com