Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-8100 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-8100
Description  High Current Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-8100 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-8100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-8100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 9. Tx-out harmonic distortion vs.
frequency for different values of Rref at Gain =
-4.
Figure 8. Tx-out harmonic distortion vs.
frequency for different values of Rref at Gain =
-2.
Figure 7. Tx-out harmonic distortion vs.
temperature for f = 450 kHz.
Figure 6. Tx-out harmonic distortion vs.
temperature for f = 132 kHz.
Figure 5. Tx-out harmonic distortion vs.
temperature for f = 50 kHz.
Figure 4. Gain and phase vs. frequency.
Figure 3. Supply current vs. Tx output current.
Figure 2. Supply current vs. temperature for Tx
enabled.
Figure 1. Supply current vs. temperature for Tx
disabled.
Performance Plots
Unless otherwise noted, all typical plots are at TA = 25°C, VCC = 5 V, sinusoidal waveform input and Rref = 24 kΩ.
0
0.5
1
1.5
2
2.5
3
R ref= 8 k©
R ref= 12 k©
R ref= 24 k©
-50
-25
0
25
50
75
100
TA - AMBIENT TEMPERATURE - ˚C
R ref= 8 k©
R ref= 12 k©
R ref= 24 k©
R
ref = 8 kΩ
R
ref = 12 kΩ
R
ref = 24 kΩ
VTx-en = 0 V
0
10
20
30
40
50
60
70
R ref= 8 k©
R ref= 12 k©
R ref= 24 k©
-50
-25
0
25
50
75
100
TA - AMBIENT TEMPERATURE - ˚C
VTx-en= 5 V
R ref= 8 k©
R ref= 12 k©
R ref= 24 k©
R
ref = 8 kΩ
R
ref = 12 kΩ
R
ref = 24 kΩ
VTx-en = 5 V
40
60
80
100
120
140
160
180
200
R ref= 8 k©
R ref= 12 k©
R ref= 24 k©
0
0.2
0.4
0.6
0.8
1
1.2
ITx-out - Tx OUTPUT CURRENT - APP
f = 132 kHz
R ref= 8 k©
R ref= 12 k©
R ref= 24 k©
R
ref = 8 kΩ
R
ref = 12 kΩ
R
ref = 24 kΩ
f = 132 kHz
0.1
100
1 k 10 k 100 k 1 M 10 M
f - FREQUENCY - Hz
0
30
90
120
180
240
60
150
210
110
0
20
40
60
80
100
120
140
-20
RL = 50©
GAIN
PHASE
-
R
L = 50 Ω
GAIN
PHASE
GAIN
PHASE
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-50
-25
0
25
50
75
100
TA - AMBIENT TEMPERATURE - ˚C
HD2
HD3
HD2
HD3
HD2
HD3
f = 50 kHz, Gain = -2,
VTx-out = 3.5 VPP, RL = 50
-50
-25
0
25
50
75
100
TA - AMBIENT TEMPERATURE - ˚C
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
HD2
HD3
HD2
HD3
HD2
HD3
f = 132 kHz, Gain = -2,
VTx-out = 3.5 VPP, RL = 50
-50
-25
0
25
50
75
100
TA - AMBIENT TEMPERATURE - ˚C
HD2
HD3
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
f = 450 kHz, Gain = -2,
VTx-out= 3.5 V PP, R L = 50 ©
--
HD2
HD3
HD2
HD3
-
-
-
-
-
-
-
-
-
-
-
f = 450 kHz, Gain = -2,
VTx-out = 3.5 VPP, RL = 50
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
50 100 150 200 250 300 350 400 450 500
f - FREQUENCY - kHz
HD2
HD3
R ref= 8 k©
R ref= 12 k©
R ref= 24 k©
HD2
HD3
HD2
HD3
R
ref = 8 kΩ
R
ref = 12 kΩ
R
ref = 24 kΩ
Gain = -2, VTx-out = 3.5 VPP, RL = 50
R ref= 8 k©
R ref= 12 k©
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
50 100 150 200 250 300 350 400 450 500
f - FREQUENCY - kHz
R ref= 24 k©
HD2
HD3
Gain = -4, VTx-out= 3.5 V PP, R L = 50 ©
R
ref = 8 kΩ
R
ref = 12 kΩ
R
ref = 24 kΩ
HD2
HD3
HD2
HD3
Gain = -4, VTx-out = 3.5 VPP, RL = 50


Similar Part No. - HCPL-8100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-8100 AVAGO-HCPL-8100 Datasheet
473Kb / 10P
   High Current Line Driver
More results

Similar Description - HCPL-8100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-8100 AVAGO-HCPL-8100 Datasheet
473Kb / 10P
   High Current Line Driver
ACPL-0820 AVAGO-ACPL-0820 Datasheet
390Kb / 10P
   High Current Dual Line-Driver IC 1.5 APP driving current
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016 Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
Maxim Integrated Produc...
MAX44211 MAXIM-MAX44211_V01 Datasheet
653Kb / 15P
   High-Current Differential Line Driver for Powerline Communications
2017
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com