Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89328LMITR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89328LMITR
Description  3V LVTTL-TO-DIFFERENTIAL, LVPECL AND DIFFERENTIAL, LVPECL-TO-LVTTL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89328LMITR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89328LMITR Datasheet HTML 1Page - Micrel Semiconductor SY89328LMITR Datasheet HTML 2Page - Micrel Semiconductor SY89328LMITR Datasheet HTML 3Page - Micrel Semiconductor SY89328LMITR Datasheet HTML 4Page - Micrel Semiconductor SY89328LMITR Datasheet HTML 5Page - Micrel Semiconductor SY89328LMITR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Precision Edge®
SY89328L
Micrel, Inc.
M9999-072005
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s 3.3V
±10% power supply
s Guaranteed AC parameters over temperature:
f
MAX > 275MHz (LVTTL)
s < 2ns LVPECL-to-LVTTL propagation delay
s < 600ps LVTTL-to-LVPECL propagation delay
s Internal 75k
input pull-up and pull-down resistors
s Industrial temperature range: –40
°C to +85°C
s Available in ultra-small 8-pin MLF™ (2mm
××××× 2mm)
package
FEATURES
Precision Edge®
SY89328L
Rev.: B
Amendment: /0
Issue Date:
July 2005
The SY89328L is a differential LVPECL-to-LVTTL
translator and an LVTTL-to-differential LVPECL translator
in a single package. Because LVPECL (Positive ECL) levels
are used, only +3.3V and ground are required. The
SY89328L is functionally equivalent to the SY100EPT28L,
but in an ultra-small 8-lead MLF™ package that features a
70% smaller footprint. This ultra-small package and the dual
translation design of the SY89328L make it ideal for
applications that are sending and receiving signals across
a backplane.
Precision Edge®
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
3V LVTTL-TO-DIFFERENTIAL
LVPECL AND DIFFERENTIAL
LVPECL-TO-LVTTL TRANSLATOR
BLOCK DIAGRAM
IN_LVPECL
/IN_LVPECL
Q_LVTTL
Q_LVPECL
/Q_LVPECL
IN_LVTTL


Similar Part No. - SY89328LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
41Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
SY89321LMGTR MICREL-SY89321LMGTR Datasheet
41Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321LMGTR MICREL-SY89321LMGTR Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
More results

Similar Description - SY89328LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EPT28L MICREL-SY10EPT28L Datasheet
115Kb / 7P
   3V LVTTL-TO-DIFFERENTIAL LVPECL AND DIFFERENTIAL LVPECL-TO-LVTTL TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21 Datasheet
66Kb / 4P
   Differential LVPECL to LVTTL Translator
Sep, 1999 ??Rev. 1.0
MC100EPT23 ONSEMI-MC100EPT23 Datasheet
65Kb / 8P
   Dual Differential LVPECL to LVTTL Translator
February, 2005 ??Rev. 11
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L Datasheet
51Kb / 4P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY10ELT21L MICREL-SY10ELT21L_06 Datasheet
56Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY100EPT21L MICREL-SY100EPT21L_05 Datasheet
115Kb / 6P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY100EPT21L MICREL-SY100EPT21L Datasheet
87Kb / 8P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
SY89321L MICREL-SY89321L Datasheet
38Kb / 5P
   3.3V DIFFERENTIAL LVPECL-to-LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com