Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8566LE887-BC Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX8566LE887-BC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8566LE887-BC Datasheet(HTML) 5 Page - California Eastern Labs

  NX8566LE887-BC Datasheet HTML 1Page - California Eastern Labs NX8566LE887-BC Datasheet HTML 2Page - California Eastern Labs NX8566LE887-BC Datasheet HTML 3Page - California Eastern Labs NX8566LE887-BC Datasheet HTML 4Page - California Eastern Labs NX8566LE887-BC Datasheet HTML 5Page - California Eastern Labs NX8566LE887-BC Datasheet HTML 6Page - California Eastern Labs NX8566LE887-BC Datasheet HTML 7Page - California Eastern Labs NX8566LE887-BC Datasheet HTML 8Page - California Eastern Labs NX8566LE887-BC Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NX8564/8565/8566LE SERIES
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (1/2)
Wavelength
Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
Wavelength
Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
795
1579.51
189.80
946
1594.64
188.00
803
1580.35
189.70
954
1595.48
187.90
811
1581.18
189.60
963
1596.33
187.80
820
1582.01
189.50
971
1597.18
187.70
828
1582.85
189.40
980
1598.04
187.60
836
1583.69
189.30
988
1598.89
187.50
845
1584.52
189.20
997
1599.74
187.40
853
1585.36
189.10
6006
1600.60
187.30
862
1586.20
189.00
6014
1601.45
187.20
870
1587.04
188.90
6023
1602.31
187.10
878
1587.88
188.80
6031
1603.16
187.00
887
1588.72
188.70
6040
1604.02
186.90
895
1589.56
188.60
6048
1604.88
186.80
904
1590.41
188.50
6057
1605.74
186.70
912
1591.25
188.40
6066
1606.60
186.60
921
1592.10
188.30
6074
1607.46
186.50
929
1592.94
188.20
6083
1608.32
186.40
937
1593.79
188.10
*1 The value which omitted and computed the 3rd place below the decimal point


Similar Part No. - NX8566LE887-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8566LE RENESAS-NX8566LE Datasheet
305Kb / 16P
   LASER DIODE
2004
More results

Similar Description - NX8566LE887-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com