Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C23243 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65C23243
Description  3-V TO 5.5-V DUAL RS-232 PORT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C23243 Datasheet(HTML) 3 Page - Texas Instruments

  SN65C23243 Datasheet HTML 1Page - Texas Instruments SN65C23243 Datasheet HTML 2Page - Texas Instruments SN65C23243 Datasheet HTML 3Page - Texas Instruments SN65C23243 Datasheet HTML 4Page - Texas Instruments SN65C23243 Datasheet HTML 5Page - Texas Instruments SN65C23243 Datasheet HTML 6Page - Texas Instruments SN65C23243 Datasheet HTML 7Page - Texas Instruments SN65C23243 Datasheet HTML 8Page - Texas Instruments SN65C23243 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN65C23243, SN75C23243
3V TO 5.5V DUAL RS232 PORT
SLLS513A − AUGUST 2001 − REVISED MARCH 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
Auto-powerdown
Charge
Pump
48
ROUT5A
47
ROUT4A
46
ROUT3A
45
ROUT2A
44
ROUT1A
43
ROUT2A
42
DIN3A
41
DIN2A
40
DIN1A
39
FORCEON
Auto-powerdown
25
ROUT5B
26
ROUT4B
27
ROUT3B
28
ROUT2B
29
ROUT1B
30
ROUT2B
31
DIN3B
32
DIN2B
33
DIN1B
24
23
22
21
20
RIN5B
RIN4B
RIN3B
RIN2B
RIN1B
18
17
16
19
DOUT3B
DOUT2B
DOUT1B
INVB
15
10
FORCEOFFB
FORCEOFFA
7
8
9
DOUT3A
DOUT2A
DOUT1A
6
INVA
1
2
3
4
5
RIN5A
RIN4A
RIN3A
RIN2A
RIN1A


Similar Part No. - SN65C23243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C23243 TI-SN65C23243 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI1-SN65C23243 Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243DGGR TI-SN65C23243DGGR Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243DGGR TI1-SN65C23243DGGR Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243DGGRE4 TI-SN65C23243DGGRE4 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results

Similar Description - SN65C23243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI1-SN65C23243_08 Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243_06 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C3238E TI1-SN65C3238E_14 Datasheet
575Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRSF3243 TI1-TRSF3243_15 Datasheet
798Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com