Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM7237-H8 Datasheet(PDF) 4 Page - Rohm

Part # RPM7237-H8
Description  IR Receiver Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM7237-H8 Datasheet(HTML) 4 Page - Rohm

  RPM7237-H8 Datasheet HTML 1Page - Rohm RPM7237-H8 Datasheet HTML 2Page - Rohm RPM7237-H8 Datasheet HTML 3Page - Rohm RPM7237-H8 Datasheet HTML 4Page - Rohm RPM7237-H8 Datasheet HTML 5Page - Rohm RPM7237-H8 Datasheet HTML 6Page - Rohm RPM7237-H8 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RPM7237 series
Photo Link Module
Rev.A
4/6
(4) Output signal
600
µs
TON
TOFF
VCC
GND
1/2 VCC
VH
VL
600
µs
Fig.4
Carrier frequency=f0
Carrier Duty=50%
Transmit signal
Output signal
(5) Measurement circuit for the output voltage and the consumption current
Fig.5
VCC
VH
, VL
VCC
ICC
ROUT
GND
A
V
RPM7237


Similar Part No. - RPM7237-H8

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7237-H8 ROHM-RPM7237-H8 Datasheet
166Kb / 7P
   IR Receiver Module
RPM7237-H8R ROHM-RPM7237-H8R Datasheet
146Kb / 7P
   IR Receiver Module
More results

Similar Description - RPM7237-H8

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM7138 ROHM-RPM7138 Datasheet
198Kb / 8P
   IR Receiver Module
RPM7236 ROHM-RPM7236 Datasheet
140Kb / 7P
   IR Receiver Module
RPM7157-R ROHM-RPM7157-R Datasheet
156Kb / 8P
   IR Receiver Module
RPM6900 ROHM-RPM6900_08 Datasheet
108Kb / 8P
   IR Receiver Module
RPM7200 ROHM-RPM7200 Datasheet
166Kb / 7P
   IR Receiver Module
RPM7100 ROHM-RPM7100 Datasheet
175Kb / 8P
   IR Receiver Module
RPM7236-R ROHM-RPM7236-R Datasheet
120Kb / 7P
   IR Receiver Module
RPM7138-R ROHM-RPM7138-R Datasheet
120Kb / 8P
   IR Receiver Module
RPM7137 ROHM-RPM7137 Datasheet
213Kb / 8P
   IR Receiver Module
RPM7140-R ROHM-RPM7140-R Datasheet
118Kb / 8P
   IR Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com