Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M464S0924DTS-C1H Datasheet(PDF) 7 Page - Samsung semiconductor

Part # M464S0924DTS-C1H
Description  8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S0924DTS-C1H Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button M464S0924DTS-C1H Datasheet HTML 3Page - Samsung semiconductor M464S0924DTS-C1H Datasheet HTML 4Page - Samsung semiconductor M464S0924DTS-C1H Datasheet HTML 5Page - Samsung semiconductor M464S0924DTS-C1H Datasheet HTML 6Page - Samsung semiconductor M464S0924DTS-C1H Datasheet HTML 7Page - Samsung semiconductor M464S0924DTS-C1H Datasheet HTML 8Page - Samsung semiconductor M464S0924DTS-C1H Datasheet HTML 9Page - Samsung semiconductor M464S0924DTS-C1H Datasheet HTML 10Page - Samsung semiconductor M464S0924DTS-C1H Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
M464S0924DTS
PC133/PC100 SODIMM
Rev. 0.1 Sept. 2001
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Notes :
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Parameter
Symbol
- 7C
- 7A
- 1H
- 1L
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
CLK cycle
time
CAS latency=3
tCC
7.5
1000
7.5
1000
10
1000
10
1000
ns
1
CAS latency=2
7.5
10
10
12
CLK to valid
output delay
CAS latency=3
tSAC
5.4
5.4
6
6
ns
1,2
CAS latency=2
5.4
6
6
7
Output data
hold time
CAS latency=3
tOH
3
3
3
3
ns
2
CAS latency=2
3
3
3
3
CLK high pulse width
tCH
2.5
2.5
3
3
ns
3
CLK low pulse width
tCL
2.5
2.5
3
3
ns
3
Input setup time
tSS
1.5
1.5
2
2
ns
3
Input hold time
tSH
0.8
0.8
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
1
ns
2
CLK to output
in Hi-Z
CAS latency=3
tSHZ
5.4
5.4
6
6
ns
CAS latency=2
5.4
6
6
7
REFER TO THE INDIVIDUAL COMPONENET, NOT THE WHOLE MODULE.


Similar Part No. - M464S0924DTS-C1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S0924CT1 SAMSUNG-M464S0924CT1 Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924CT1-C1H SAMSUNG-M464S0924CT1-C1H Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924CT1-C1L SAMSUNG-M464S0924CT1-C1L Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924CT1-L1H SAMSUNG-M464S0924CT1-L1H Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924CT1-L1L SAMSUNG-M464S0924CT1-L1L Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results

Similar Description - M464S0924DTS-C1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S0924CT1 SAMSUNG-M464S0924CT1 Datasheet
102Kb / 9P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0824DT1 SAMSUNG-M464S0824DT1 Datasheet
154Kb / 9P
   8Mx64 SDRAM SODIMM based on 4Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S1724DTS SAMSUNG-M464S1724DTS Datasheet
87Kb / 11P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
PC133 SAMSUNG-PC133 Datasheet
166Kb / 11P
   32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
M366S3323DTS SAMSUNG-M366S3323DTS Datasheet
175Kb / 11P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1623ET0 SAMSUNG-M366S1623ET0 Datasheet
176Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253DTS SAMSUNG-M366S3253DTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com