Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK3732-17 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # MK3732-17
Description  ADSL VCXO CLOCK SOURCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3732-17 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  MK3732-17 Datasheet HTML 1Page - Integrated Circuit Systems MK3732-17 Datasheet HTML 2Page - Integrated Circuit Systems MK3732-17 Datasheet HTML 3Page - Integrated Circuit Systems MK3732-17 Datasheet HTML 4Page - Integrated Circuit Systems MK3732-17 Datasheet HTML 5Page - Integrated Circuit Systems MK3732-17 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ADSL VCXO CLOCK SOURCE
MDS 3732-17 D
6
Revision 050803
Integrated Circuit Systems, Inc. q 525 Race Street, San Jose, CA 95126 q tel (408) 295-9800 q
www.icst.com
MK3732-17
Package Outline and Package Dimensions (16 pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping
packaging
Package
Temperature
MK3732-17S
MK3732-17S
Tubes
16 pin SOIC
0 to +70
° C
MK3732-17STR
MK3732-17S
Tape and Reel
16 pin SOIC
0 to +70
° C
MK3732-17SI
MK3732-17SI
Tubes
16 pin SOIC
-40 to +85
° C
MK3732-17SITR
MK3732-17SI
Tape and Reel
16 pin SOIC
-40 to +85
° C
INDEX
AREA
1 2
16
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
α
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
9.80
10.00
.3859
.3937
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
α
0
°
8
°
0
°
8
°


Similar Part No. - MK3732-17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3732-17 RENESAS-MK3732-17 Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
MK3732-17S RENESAS-MK3732-17S Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
MK3732-17SI RENESAS-MK3732-17SI Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
MK3732-17SITR RENESAS-MK3732-17SITR Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
MK3732-17STR RENESAS-MK3732-17STR Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
More results

Similar Description - MK3732-17

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-07 ICST-MK3732-07 Datasheet
98Kb / 6P
   ADSL VCXO CLOCK SOURCE
logo
Renesas Technology Corp
MK3732-17 RENESAS-MK3732-17 Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
   VCXO and Set-Top Clock Source
102704
logo
Integrated Circuit Syst...
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com