Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1913EUB50 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1913EUB50
Description  60mA 1.5x High-Efficiency White LED Charge Pumps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1913EUB50 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1913EUB50 Datasheet HTML 1Page - Maxim Integrated Products MAX1913EUB50 Datasheet HTML 2Page - Maxim Integrated Products MAX1913EUB50 Datasheet HTML 3Page - Maxim Integrated Products MAX1913EUB50 Datasheet HTML 4Page - Maxim Integrated Products MAX1913EUB50 Datasheet HTML 5Page - Maxim Integrated Products MAX1913EUB50 Datasheet HTML 6Page - Maxim Integrated Products MAX1913EUB50 Datasheet HTML 7Page - Maxim Integrated Products MAX1913EUB50 Datasheet HTML 8Page - Maxim Integrated Products MAX1913EUB50 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
60mA 1.5x High-Efficiency White LED
Charge Pumps
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.6V, GND = 0, SHDN = SET = IN, CIN = 2.2µF, C1 = C2 = 0.47µF, COUT = 2.2µF, TA = -40°C to +85°C, unless otherwise
noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
Output Leakage Current in Shutdown
VIN = 3.6V, SHDN = 0
10
µA
MAX1912
SET Regulation Point
0 < ILOAD < 60mA
0.19
0.21
V
SET Input Current
100
nA
SHDN Input Current
SHDN = 0 or 5.5V
1
µA
SHDN Input Voltage Low
2.7V < VIN < 5.3V
0.4
V
SHDN Input Voltage High
2.7V < VIN < 5.3V
1.6
V
Note 1: Limits to -40°C are guaranteed by design, not production tested.
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
VOUT
VIN1
20mV/div
INPUT AND OUTPUT VOLTAGE RIPPLE
CIN = 10
µF, COUT = 4.7µF
MAX1912 DRIVING 4 LEDS (60mA)
VIN = 3.3V
1
µs/div
VOUT
VIN
20mV/div
INPUT AND OUTPUT VOLTAGE RIPPLE
WITH ADDITIONAL INPUT FILTER
MAX1912 DRIVING 4 LEDS (60mA)
10
µF - 1Ω - 10µF INPUT FILTER, COUT = 4.7µF
VIN = 3.3V
1
µs.div
4
3
2
1
0
03
12
456
QUIESCENT CURRENT vs.
INPUT VOLTAGE
VIN (V)
VOUT
IIN
5V/div
1V/div
50mA/div
STARTUP INPUT CURRENT AND
OUTPUT VOLTAGE
MAX1912/13 toc04
CIRCUIT OF FIGURE 2
R1 = R2 = R3 = 15
CIN = 10
µF, COUT = 2.2µF
VIN = 3.3V
VSHDN
1ms/div
VSET
ILED
2V/div
100mV/div
15mA
45mA
INTENSITY CHANGE STEP RESPONSE
MAX1912/13 toc05
CIRCUIT OF FIGURE 10
RA = 22k
Ω, RB = 1.5kΩ, RL = 4.7Ω
CIN = 10
µF, COUT = 4.7µF
VLOGIC(HIGH) = 2V
VLOGIC
50
µs/div


Similar Part No. - MAX1913EUB50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191 MAXIM-MAX191 Datasheet
227Kb / 24P
   Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
19-4506; Rev 4; 2/97
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1910EUB MAXIM-MAX1910EUB Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1912 MAXIM-MAX1912 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1912EUB MAXIM-MAX1912EUB Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
More results

Similar Description - MAX1913EUB50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113_08 Datasheet
1Mb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analog Technol...
AAT3113 AAT-AAT3113 Datasheet
330Kb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113 Datasheet
232Kb / 14P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump for White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com