Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB42N20D Datasheet(PDF) 6 Page - International Rectifier

Part # IRFB42N20D
Description  High frequency DC-DC converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB42N20D Datasheet(HTML) 6 Page - International Rectifier

  IRFB42N20D Datasheet HTML 1Page - International Rectifier IRFB42N20D Datasheet HTML 2Page - International Rectifier IRFB42N20D Datasheet HTML 3Page - International Rectifier IRFB42N20D Datasheet HTML 4Page - International Rectifier IRFB42N20D Datasheet HTML 5Page - International Rectifier IRFB42N20D Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IRFB/IRFS/IRFSL42N20D
6
www.irf.com
PROVISIONAL
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ ISD ≤ 25.5A, di/dt ≤ TBDA/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting T
J = 25°C, L = TBDmH
RG = TBDΩ, IAS = 25.5A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
† This is only applied to TO-220AB package
D2Pak Tape & Reel Information
3
4
4
TR R
F EED DIRECT IO N
1.85 ( .073)
1.65 ( .065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TR L
F E E D D IRE CT IO N
10.90 (.429)
10.70 (.421)
16.10 (.63 4)
15.90 (.62 6)
1.75 (.069)
1.25 (.049)
11.6 0 (.457)
11.4 0 (.449)
15.42 (.60 9)
15.22 (.60 1)
4.72 (.136)
4.52 (.178)
24 .3 0 (.957)
23 .9 0 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.5 32)
12.80 (.5 04)
330.00
(14.173)
MAX .
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN .
30.40 (1.197)
MA X.
26.40 (1.039)
24.40 (.9 61)
N O TES :
1. C O MF O RM S TO EIA-418.
2. C O NT RO LL ING D IM EN SIO N: MIL LIM ETER .
3. D IM ENS IO N M EAS URE D @ HU B.
4. INCLUD ES FL ANGE DISTORTION @ OUTER E DGE.
‡ This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 9/00


Similar Part No. - IRFB42N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
logo
Inchange Semiconductor ...
IRFB42N20D ISC-IRFB42N20D Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB42N20DPBF IRF-IRFB42N20DPBF Datasheet
165Kb / 8P
   HEXFET Power MOSFET
IRFB42N20DPBF IRF-IRFB42N20DPBF Datasheet
174Kb / 9P
   High frequency DC-DC converters
IRFB42N20DPBF IRF-IRFB42N20DPBF_15 Datasheet
174Kb / 9P
   High frequency DC-DC converters
More results

Similar Description - IRFB42N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com