Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS889831 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS889831
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889831 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS889831 Datasheet HTML 1Page - Integrated Circuit Systems ICS889831 Datasheet HTML 2Page - Integrated Circuit Systems ICS889831 Datasheet HTML 3Page - Integrated Circuit Systems ICS889831 Datasheet HTML 4Page - Integrated Circuit Systems ICS889831 Datasheet HTML 5Page - Integrated Circuit Systems ICS889831 Datasheet HTML 6Page - Integrated Circuit Systems ICS889831 Datasheet HTML 7Page - Integrated Circuit Systems ICS889831 Datasheet HTML 8Page - Integrated Circuit Systems ICS889831 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
889831AK
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2005
2
Integrated
Circuit
Systems, Inc.
ICS889831
LOW SKEW, 1-TO-4
DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
7
3k
Ω
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
2
,
11
Q
n
,
1
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
/
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
4
,
32
Q
n
,
2
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
/
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
6
,
53
Q
n
,
3
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
/
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
4
1
,
7V
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
8N
Et
u
p
n
Ip
u
ll
u
P
Q
n
d
n
a
W
O
L
o
g
ll
i
w
s
t
u
p
t
u
o
Q
,
W
O
L
n
e
h
W
.
e
l
b
a
n
e
k
c
o
l
c
g
n
i
z
i
n
o
r
h
c
n
y
S
t
u
p
n
I
.
s
t
u
p
n
i
N
I
t
a
n
o
i
t
i
s
n
a
r
t
W
O
L
t
x
e
n
e
h
t
n
o
H
G
I
H
o
g
ll
i
w
s
t
u
p
t
u
o
V
s
i
d
l
o
h
s
e
r
h
t
C
C
k
7
3
a
s
e
d
u
l
c
n
I
.
V
2
/
Ω
s
i
e
t
a
t
s
t
l
u
a
f
e
D
.
r
o
t
s
i
s
e
r
p
u
-
ll
u
p
e
g
d
e
g
n
il
l
a
f
e
h
t
n
o
d
e
k
c
o
l
c
s
i
h
c
t
a
l
l
a
n
r
e
t
n
i
e
h
T
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
H
G
I
H
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
O
M
C
V
L
/
L
T
T
V
L
.
N
I
l
a
n
g
i
s
t
u
p
n
i
e
h
t
f
o
9N
I
nt
u
p
n
I0
5
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
Ω
V
o
t
n
o
i
t
a
n
i
m
r
e
t
t
u
p
n
i
l
a
n
r
e
t
n
i
T.
0
1V
C
A
_
F
E
R
t
u
p
t
u
O.
s
n
o
i
t
a
c
il
p
p
a
d
e
l
p
u
o
c
-
C
A
r
o
f
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
R
1
1V
T
t
u
p
n
I.
t
u
p
n
i
n
o
i
t
a
n
i
m
r
e
T
2
1N
It
u
p
n
I0
5
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
Ω
V
o
t
n
o
i
t
a
n
i
m
r
e
t
t
u
p
n
i
l
a
n
r
e
t
n
i
T.
3
1V
E
E
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
6
1
,
5
10
Q
n
,
0
Qt
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
/
L
C
E
P
V
L
.
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
:
E
T
O
N
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
s
r
e
f
e
r


Similar Part No. - ICS889831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS889832 IDT-ICS889832 Datasheet
681Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS889832AK IDT-ICS889832AK Datasheet
681Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS889832AKT IDT-ICS889832AKT Datasheet
681Kb / 15P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS889834 ICST-ICS889834 Datasheet
193Kb / 7P
   LOW SKEW, 2-TO-4 LVCMOS/LVTTL-TO-LVPECL/ECL CLOCK MULTIPLEXER
ICS889834 ICST-ICS889834 Datasheet
70Kb / 7P
   3.3V LVPECL DRIVER TERMINATION
More results

Similar Description - ICS889831

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
853S111AI RENESAS-853S111AI Datasheet
481Kb / 21P
   Skew, 1-to-10, Differential-to-LVPECL/ECL Fanout Buffer
2019
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
   Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I Datasheet
658Kb / 19P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
November 9, 2017
logo
Integrated Device Techn...
8S89831I IDT-8S89831I_17 Datasheet
367Kb / 19P
   Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
ICS853S310I RENESAS-ICS853S310I Datasheet
1Mb / 18P
   Low Skew, 1-to-8 Differential-to3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 17, 2010
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com