Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST-7337B-1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ST-7337B-1
Description  DC Tachometer Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ST-7337B-1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  ST-7337B-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST-7337B-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST-7337B-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST-7337B-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST-7337B-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST-7337B-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST-7337B-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST-7337B-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Accessories
Output Voltage:
Internal Resistance:
Ripple:
Linearity:
Bidirectional Output:
Polarity:
Temperature Coefficient:
7 VDC ± 5%, no load, per 1000 RPM at 25ºC
270 Ohms typical at 25ºC
5% RMS of DC output voltage at speeds over 40 RPM
0.1% max., 0 to 4000 RPM
0.5% of nominal output in both CW and CCW directions
Red wire positive with CCW rotation viewing shaft end
0.05% per ºC of nominal output at 25ºC from -20ºC to 50ºC
Request a Servo-Tek RC-800 catalog for our complete product line of encoders.
Part Number: ST-7565A-2
Overhung Tachometer
1 to 24 volts/1000 RPM
ST-7565A-2
Other Products
ST-9502
ST-9776
ST50
ST20
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
Rubber Couplings
ST-9502-1 fits .120
shafts and ST-9502-2
fits .187 shafts.
The
tapered tang is molded
to fit a straight slot
0.167”±.005” wide and
3/16” deep.
ST50 Optical Encoder
The ST50, a 2 inch
hollow shaft encoder,
accepts
motor
shafts
from .236 to .625 inches
OD. It combines 3 phase
brushless
commutation
pulses, 2 data channels
and reference index pulse
in a single package.
Flexible Couplings
ST-9776
fits
shaft
diameters of up to .375
shafts. They may be
ordered in any mixed or
matched configuration.
When ordering, please
specify both hole sizes.
ST20 Optical Encoder
The ST20, a 2 inch shaft
encoder, is a low cost,
heavy duty solution to
digital feedback.
This
unit is available in single
or dual channel with
nearly unlimited mounting
patterns.
ST-7565 Series
Introducing Servo-Tek’s new low-cost overhung
tachometer.
This bearingless tach-generator is
small in size and has a black delrin housing and
end plate. Because the Servo-Tek overhung unit
is self-generating and provides an analog output,
it makes for an excellent alternative to the encoder.
No D-A conversion will be necessary! Mounts
easily using a 10-32 threaded shaft. No coupling or
mounting brackets will be required.


Similar Part No. - ST-7337B-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST-7-10 ETC2-ST-7-10 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-7-12 ETC2-ST-7-12 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-7-120 ETC2-ST-7-120 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-7-16 ETC2-ST-7-16 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-7-20 ETC2-ST-7-20 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
More results

Similar Description - ST-7337B-1

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
Baumer IVO GmbH & Co. K...
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com