Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRMA2A05 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PRMA2A05
Description  DIP 14 SERIES REED RELAYS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PRMA2A05 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PRMA2A05 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRMA2A05 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRMA2A05 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRMA2A05 Datasheet HTML 4Page - List of Unclassifed Manufacturers PRMA2A05 Datasheet HTML 5Page - List of Unclassifed Manufacturers PRMA2A05 Datasheet HTML 6Page - List of Unclassifed Manufacturers PRMA2A05 Datasheet HTML 7Page - List of Unclassifed Manufacturers PRMA2A05 Datasheet HTML 8Page - List of Unclassifed Manufacturers PRMA2A05 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DIP 14 SERIES REED RELAYS
MSS2 s MSS7 s PRMA s DSS7 s PRME s MVS2 s MVS7
COIL SPECIFICATIONS
Contact Form
Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
Nominal Input Power
Units
Volts
Volts
Volt
mW
Conditions
+/- 10% (25°C) Must operate by (25°C)Must release by (25°C)
Part #
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
MSS2 1A05
1-Form-A
5
11
126
140
154
3.75
0.5
179
MSS2 1A12
1-Form-A
12
21
450
500
550
9
1
288
MSS2 1A24
1-Form-A
24
44
1935 2150 2365
18
2
268
MSS7 1A05
1-Form-A
5
11
126
140
154
3.75
0.5
179
MSS7 1A12
1-Form-A
12
21
450
500
550
9
1
288
MSS7 1A24
1-Form-A
24
43
1935 2150 2365
18
2
268
PRMA 1A05
1-Form-A
5
21
450
500
550
3.75
0.8
50
PRMA 1A12
1-Form-A
12
30
900
1000 1100
9
1
144
PRMA 1A24
1-Form-A
24
44
1935 2150 2365
18
2
268
PRMA 1B05
1-Form-B
5
6
450
500
550
3.75
0.8
50
PRMA 1B12
1-Form-B
12
14.5
900
1000 1100
9
1
144
PRMA 1B24
1-Form-B
24
29
1935 2150 2365
18
2
268
PRMA 1C05
1-Form-C
5
12
180
200
220
3.75
0.8
125
PRMA 1C12
1-Form-C
12
18
450
500
550
9
1
288
PRMA 1C24
1-Form-C
24
32
1935 2150 2365
18
2
268
PRMA 2A05
2-Form-A
5
11
126
140
154
3.75
0.8
179
PRMA 2A12
2-Form-A
12
21
450
500
550
9
1
288
PRMA 2A24
2-Form-A
24
44
1935 2150 2365
18
2
268
PRMA 10037
1-Form-A
5
15
342
380
418
3.75
0.8
66
PRMA 10038
1-Form-A
12
19
477
530
583
9
1
272
PRMA 10039
1-Form-A
24
32
1800 2000 2200
18
2
288
DSS7 1A05
1-Form-A
5
21
450
500
550
3.75
0.8
50
DSS7 1A12
1-Form-A
12
30
900
1000 1100
9
1
144
DSS7 1A24
1-Form-A
24
44
1935 2150 2365
18
2
268
PRME 25005
1-Form-A
5
19
450
500
550
3.8
0.8
50
PRME 15005
1-Form-A
5
15
342
380
418
3.5
1
66
PRME 15002
1-Form-A
12
19
477
530
583
8
1
272
PRME 15003
1-Form-A
24
32
1800 2000 2200
16
2
288
MVS2 1A05(A,B)
1-Form-A
5
7
94.5
105
116
3.75
0.5
238
MVS2 1A12(A,B)
1-Form-A
12
15
450
500
550
9
1
288
MVS2 1A24(A,B)
1-Form-A
24
30
1935 2150 2365
18
2
268
MVS7 1A05(S)
1-Form-A
5
7
94.5
105
116
3.75
0.5
238
MVS7 1A12(S)
1-Form-A
12
15
450
500
550
9
1
288
MVS7 1A24(S)
1-Form-A
24
30
1935 2150 2365
18
2
268
SRC
DEVICES
6
www.srcdevices.com
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422


Similar Part No. - PRMA2A05

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRMA30L MIC-PRMA30L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30M MIC-PRMA30M Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30Z MIC-PRMA30Z Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40L MIC-PRMA40L Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40M MIC-PRMA40M Datasheet
30Kb / 1P
   PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
More results

Similar Description - PRMA2A05

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com