Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD949 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BD949
Description  NPN PLASTIC POWER TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD949 Datasheet(HTML) 1 Page - Continental Device India Limited

  BD949 Datasheet HTML 1Page - Continental Device India Limited BD949 Datasheet HTML 2Page - Continental Device India Limited BD949 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
BD949, 951, 953, 955
NPN PLASTIC POWER TRANSISTORS
BD950, 952, 954, 956
PNP PLASTIC POWER TRANSISTORS
Power Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS
949 951 953 955
950 952 954 956
Collector-base voltage (open emitter)
VCBO
max. 60
80
100 120
V
Collector-emitter voltage (open base)
VCEO
max. 60
80
100 120
V
Collector current
IC
max.
5.0
A
Total power dissipation up to Tmb = 25°C Ptot
max.
40
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 2 A; IB = 0.2 A
VCEsat
max.
1.0
V
D.C. current gain
IC = 2 A; VCE = 4 V
hFE
min.
20
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
949 951 953 955
950 952 954 956
Collector-base voltage (open emitter)
VCBO
max. 60
80
100 120
V
Collector-emitter voltage (open base)
VCEO
max. 60
80
100 120
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
Collector current
IC
max.
5.0
A
BD949, BD951, BD953, BD955
BD950, BD952, BD954, BD956
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
MIN .
MAX.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
ODEG 7
1
2
3
4
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
TO-220 Plastic Package


Similar Part No. - BD949

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD949 ISC-BD949 Datasheet
56Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BD949 SAVANTIC-BD949 Datasheet
89Kb / 3P
   Silicon NPN Power Transistors
BD949 SAVANTIC-BD949 Datasheet
91Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD949 NJSEMI-BD949 Datasheet
128Kb / 2P
   Silicon NPN Power Transistor
logo
Inchange Semiconductor ...
BD949F ISC-BD949F Datasheet
192Kb / 2P
   Complement to Type BD950F/952F/954F/956F
More results

Similar Description - BD949

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
   NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
BU406 CDIL-BU406 Datasheet
366Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com