Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8560LJ593-BC Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX8560LJ593-BC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8560LJ593-BC Datasheet(HTML) 5 Page - California Eastern Labs

  NX8560LJ593-BC Datasheet HTML 1Page - California Eastern Labs NX8560LJ593-BC Datasheet HTML 2Page - California Eastern Labs NX8560LJ593-BC Datasheet HTML 3Page - California Eastern Labs NX8560LJ593-BC Datasheet HTML 4Page - California Eastern Labs NX8560LJ593-BC Datasheet HTML 5Page - California Eastern Labs NX8560LJ593-BC Datasheet HTML 6Page - California Eastern Labs NX8560LJ593-BC Datasheet HTML 7Page - California Eastern Labs NX8560LJ593-BC Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NX8560LJ SERIES
ELECTRO-OPTICAL CHARACTERISTICS (TC = -25°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Laser Set Temperature
Tset
*1
20
35
°
C
Operating Current
Iop
50
60
80
mA
Modulation Center Voltage
Vcenter
2.0
0.5
V
Modulation Voltage
Vmod
2.0
3.0
V
Forward Voltage of LD
VFLD
IFLD = Iop
2.0
V
Threshold Current
Ith
7
20
mA
Optical Output Power from Fiber
Pf
Under modulation*2, Single channel
3
2
dBm
Under modulation*2,
DWDM wavelength based on ITU-T
recommendations
1
Peak Emission Wavelength
λp
IFLD = Iop, VEA = 0 V, TLD = Tset
1 528
ITU-
T *3
1 565
nm
Side Mode Suppression Ratio
SMSR
IFLD = Iop, VEA = 0 V
30
> 37
dB
Extinction Ratio
ER
Under modulation*2
10
> 11
dB
Rise Time
tr
20-80%, Under modulation*2
40
ps
Fall Time
tf
80-20%, Under modulation*2
40
ps
Dispersion Penalty
DP
40 km SMF under modulation*2, 4
2.0
dB
Optical Isolation
Is
23
dB
Input Return Loss
S11
IFLD = Iop, VEA = −1 V,
f = 130 MHz to 5 GHz
10
8
dB
IFLD = Iop, VEA = −1 V,
f = 5 to 10 GHz
8
5
*1 NX8560LJ Series
: Tset is a certain point between 20 and 35°C
NX8560LJ××× Series : Tset is set at a certain point between 20 and 35°C for ITU-T grid wavelength
*2 40 km SMF under modulation, 9.95328 Gb/s, PRBS 223−1, VEA = Vcenter ± 1/2Vmod, IFLD = Iop, NEC Test System
Vcenter : a certain point between −2.0 and −0.5 V
Vmod : a certain point 3 V or below
Iop
: a certain point between 50 and 80 mA
*3 Available for DWDM wavelengths based on ITU-T recommendations (100 GHz grid).
Please refer to
ORDERING INFORMATION.
*4 BER = 10−10


Similar Part No. - NX8560LJ593-BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8560LJ597-BC RENESAS-NX8560LJ597-BC Datasheet
270Kb / 13P
   LASER DIODE
2004
NX8560LJ597-CC RENESAS-NX8560LJ597-CC Datasheet
270Kb / 13P
   LASER DIODE
2004
More results

Similar Description - NX8560LJ593-BC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
logo
Bookham, Inc.
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
logo
Bookham, Inc.
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8563 CEL-NX8563 Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com