Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8563LB565-BA Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8563LB565-BA
Description  NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LB565-BA Datasheet(HTML) 3 Page - California Eastern Labs

  NX8563LB565-BA Datasheet HTML 1Page - California Eastern Labs NX8563LB565-BA Datasheet HTML 2Page - California Eastern Labs NX8563LB565-BA Datasheet HTML 3Page - California Eastern Labs NX8563LB565-BA Datasheet HTML 4Page - California Eastern Labs NX8563LB565-BA Datasheet HTML 5Page - California Eastern Labs NX8563LB565-BA Datasheet HTML 6Page - California Eastern Labs NX8563LB565-BA Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NX8563 SERIES
TYPICAL PERFORMANCE CURVES (TC = TSET unless otherwise specified)
10
0
-10
-20
-30
-40
-50
-60
-70
1540
1550
1560
15.0
12.5
10.0
7.5
5.0
2.5
0
0
20
40
60
80
100
120
100
80
60
40
20
0
0
0.4
0.8
1.2
1.6
2.0
2.4
025
50
75
50
30
20
10
5
3
2
1
LONGITUDINAL MODE
OPTICAL OUTPUT POWER FROM FIBER
vs. FORWARD CURRENT
FORWARD CURRENT vs.
FORWARD VOLTAGE
OPTICAL OUTPUT POWER FROM FIBER
vs. MONITOR CURRENT
THERMISTOR RESISTANCE vs.
AMBIENT TEMPERATURE
Wavelength λ (nm)
Forward Current, IF (mA)
Forward Voltage, VF (V)
Monitor Current, IM (mA)
Ambient Temperature, TA (°C)
12.0
10.0
8.0
6.0
4.0
2.0
0
0
0.2
0.4
0.6
0.8
1.0


Similar Part No. - NX8563LB565-BA

ManufacturerPart #DatasheetDescription
logo
NEC
NX8563LB565-BA NEC-NX8563LB565-BA Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
More results

Similar Description - NX8563LB565-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8562 CEL-NX8562 Datasheet
216Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATION (20 mW MIN)
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
   NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com