Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFC90MA31N Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # SAFC90MA31N
Description  CERAMIC MICROWAVE FILTERS SAW FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SAFC90MA31N Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  SAFC90MA31N Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SAFC90MA31N Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SAFC90MA31N Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SAFC90MA31N Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SAFC90MA31N Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Center
I.L.
Bandwidth
Attenuation
Ripple
Max.
Input/Output
Pkg.
Tape
Type
Part Number
Function
Freq.
(dB)
(MHz)
(dB)
(dB)
VSWR
GDT
Impedance
Style
Code
(MHz)
max.*
max.
( s)
TX
902 to 904
4.5
TC00,
SAFC903MF90T
or RX
903
4.5
926 to 928
35
1.5
50 ohm // 0pF
SC33
TC05,
944 to 948
40
TC11, TC12
TX
926 to 928
4.5
TC00,
ISM
SAFC927MF90T
or RX
927
4.5
902 to 904
35
1.5
——
50 ohm // 0pF
SC33
TC05,
915
968 to 972
40
TC11, TC12
902 to 928
4.5 max.
TC00,
SAFC915MA70N
RF
915.0
4.5
790 to 860
30 min.
2.0
N/S
N/S
50 ohm // 0pF
SC44
TC04,
970 to 1040
20 min.
TC11
fo ± 576MHz
3.0
TC,
DECT
SAFU110.6MSA40T
1st IF
110.592
4.5
fo ± 1.15MHz
10 min.
N/S
N/S
0.7
300 ohm 1.2 H
SU511
fo ± 1.728MHz
30 min.
TC11
806 to 825
4.0 max.
TC,
SAFC815.5MA70N
RF
815.5
4.0
761 to 780
20 min.
2.0
2.5
N/S
50 ohm // 0pF
SC44
TC04,
LMR
851 to 870
20 min.
TC11
851 to 870
4.0 max.
TC,
SAFC860.5MA70N
RF
860.5
4.0
806 to 825
20 min.
2.0
2.5
N/S
50 ohm // 0pF
SC44
TC04,
896 to 915
15 min.
TC11
314.7 to 315.3
3.0
TC,
SAFC315MF70T
RF (RX)
315
3.0
293 to 293.9
50
1.5
2.0
50 ohm // 0pF
SC44
TC04,
357.5 to 358.7
50
TC11
868 to 870
4.5
TC,
SAFC869MF70T
RF (RX)
869
4.5
825 to 828
40
1.5
——
50 ohm // 0pF
SC44
TC04,
RKE
910 to 913
40
TC11
863 to 865
4.5
TC,
SAFC864MF70T
RF (RX)
864
4.5
820 to 823
40
1.5
——
50 ohm // 0pF
SC44
TC04,
905 to 908
40
TC11
433.05 to 434.7
4.5
TC,
SAFC434MC70T
RF (RX)
433.9
4.5
389 to 392
50
1.5
2.0
50 ohm // 0pF
SC44
TC04,
475.5 to 478.5
50
TC11
1574 to 1577
2.8
SC33
TC00,
SAFC1575MB1C0S
RF (RX)
1575.5
2.8
1382 to 1397
35
1.3
3.0
N/S
50 ohm // 0pF
low
TC05,
GPS
1478 to 1487
25
profile
TC12
90 ± 1MHz
3.0
TC,
SAFC90MA31N
IF
90
6.5
84 to 85
25
2.0
0.5
365 ohm // –0.7pF SC59
TC04,
95 to 96
25
TC11
RF (TX)
940 to 960
4
TC00,
SAFC950MB90N
950
4
810 to 830
45
2
N/S
2.5
50 ohm // 0pF
SC33
TC05,
800
1050 to 2000
35
TC11, TC12
940 to 960
3.5
TC00,
SAFC950MC90T
RF (TX)
950
3.5
810 to 830
48
1.5
2.5
50 ohm // 0pF
SC33
TC05,
PDC
1050 to 2000
35
TC11, TC12
800
810 to 830
2.5
TC00
SAFC820ME90N
RF (RX)
820
2.5
940 to 960
32
1.5
N/S
2.5
50 ohm // 0pF
SC33
TC05
800
1100 to 2000
22
TC11. TC12
810 to 830
2.2
TC00,
SAFC820MD90T
RF (RX)
820
2.2
940 to 960
30
1.3
2.5
50 ohm // 0pF
SC33
TC05,
1100 to 2000
22
TC11, TC12
1429 to 1453
2.7
TC00,
SAFS1441MC1B0T
RF (TX)
1441
2.7
1477 to 1501
15
1.5
2.3
50 ohm // 0pF
SC22
TC05,
1783 to 1808
32
TC12
1477 to 1501
2
TC00,
PDC
SAFC1489MC90S
RF (RX)
1489
2
1429 to 1453
15
1.2
N/S
2.7
50 ohm // 0pF
SC33
TC05,
1.5
1737 to 1761
35
TC11, TC12
1477 to 1501
2.7
TC00,
SAFC1489MC1B0T
RX
1489
2.7
1429 to 1453
15
1.5
2.3
50 ohm // 0pF
SS22
TC05,
1735 to 1766
35
TC12
893 to 898
4.0
RF (TX)
895.5
4.0
810 to 830
22
2.1
2.5
50 ohm // 0pF
895.5
1778 to 1796
20
SC33
TC00,
SAFC895.5T942.5MF1D0T
925 to 960
3.5
dual
TC05,
RF(TX)
942.5
3.5
870 to 885
18
2.3
3.2
50 ohm // 0pF
type
TC12
PDC
942.5
1850 to 1920
10
Multi-
810 to 843
2.7
band
RF (TX)
826.5
2.7
893 to 960
24
1.6
2.6
50 ohm // 0pF
826.5
1300 to 2000
12
SC33
TC00,
SAFC826.5T877.5MF1D0T
870 to 885
2.7
dual
TC05,
RF (TX)
877.5
2.7
925 to 960
26
1.3
2.6
50 ohm // 0pF
type
TC12
877.5
1300 to 2000
23
130 ± 16kHz
3.0
PDC
SAFC130.000MA1G0X
IF
130.0
5.5
130 ± 100kHz
22
0.5
5
740 ohm // –1.1pF SC36
TC05,
All
130 ± 200kHz
40
TC11
N/S: Not Specified.
Tape codes and package quantities defined at the end of the SAW section of this catalog.
*IL for IF filters is guaranteed at center frequency relative to 0dB reference. I.L. for RF filters is guaranted across the pass band relative to 0dB reference level.
**Attenuation for IF filters is relative to center frequency loss. Attenuation for RF filters is relative to 0dB reference level.
352
CG01-I
CERAMIC MICROWAVE FILTERS
SAW FILTERS SPECIFICATIONS
SAF Series


Similar Part No. - SAFC90MA31N

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SAFC105M50R501 SHARMA-SAFC105M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC106M16R501 SHARMA-SAFC106M16R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M35R501 SHARMA-SAFC155M35R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC155M50R501 SHARMA-SAFC155M50R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
SAFC156M10R501 SHARMA-SAFC156M10R501 Datasheet
446Kb / 2P
   Tantalum Capacitors
More results

Similar Description - SAFC90MA31N

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF139 ACT-ACTF139_10 Datasheet
211Kb / 4P
   SAW filters
March 2010
ACTF2005 ACT-ACTF2005 Datasheet
147Kb / 5P
   SAW filters
SEPT 04
ACTF2012 ACT-ACTF2012 Datasheet
389Kb / 4P
   SAW filters
logo
TDK Electronics
B39162B9104P810 TDK-B39162B9104P810 Datasheet
185Kb / 11P
   SAW filters
logo
List of Unclassifed Man...
ACTF378 ETC-ACTF378 Datasheet
144Kb / 5P
   SAW filters
logo
Panasonic Semiconductor
EFCH836MTDB1 PANASONIC-EFCH836MTDB1 Datasheet
80Kb / 3P
   SAW Devices(SAW Filters)
logo
TriQuint Semiconductor
856561 TRIQUINT-856561_15 Datasheet
445Kb / 6P
   1575.42MHz SAW filters
logo
SIPAT Co,Ltd
SP19001 SIPAT-SP19001 Datasheet
87Kb / 1P
   IF SAW Filters
SP19001 SIPAT-SP19001 Datasheet
86Kb / 1P
   IF SAW Filters
logo
EUROQUARTZ limited
LPP450 EUROQUARTZ-LPP450 Datasheet
58Kb / 1P
   CERAMIC FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com