Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA07M4047M-E01 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA07M4047M-E01
Description  400-470MHz 7W 7.2V PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07M4047M-E01 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA07M4047M-E01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07M4047M-E01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07M4047M-E01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07M4047M-E01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07M4047M-E01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07M4047M-E01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07M4047M-E01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07M4047M-E01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07M4047M-E01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA 07M4047 M
RA07M4047M
MITSUBISHI ELECTRIC
23 Dec 2002
3/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
2
4
6
8
10
12
14
16
18
20
2
4
6
8
10
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
Pout
f=400MHz,
VGG=3.5V,
Pin=50mW
IDD
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=470MHz,
VDD =7.2V,
VGG =3.5V
Pout
Gp
IDD
0
2
4
6
8
10
12
14
16
18
20
2
4
6
8
10
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
Pout
IDD
f=435MHz,
VGG=3.5V,
Pin=50mW
OUTPUT POWER, TOTAL EFFICIENCY,
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
1
2
3
4
5
6
7
8
9
10
390
410
430
450
470
FREQUENCY f(MHz)
0
10
20
30
40
50
60
70
80
90
100
VDD=7.2V
Pin=50mW
Pout @VGG =3.5V
η T@Pout=6.5W(V
GG control)
ρ ι
n
@P
out=6.5W (VGG control)
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=400MHz,
VDD=7.2V,
VGG =3.5V
Pout
IDD
Gp
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=435MHz,
VDD=7.2V,
VGG =3.5V
Pout
Gp
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)


Similar Part No. - RA07M4047M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M4047M-101 MITSUBISHI-RA07M4047M-101 Datasheet
236Kb / 8P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M-101 MITSUBISHI-RA07M4047M-101 Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M-101 MITSUBISHI-RA07M4047M-101 Datasheet
117Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA07M4047M-E01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M4047M MITSUBISHI-RA07M4047M_10 Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_06 Datasheet
236Kb / 8P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
M67755H MITSUBISHI-M67755H Datasheet
151Kb / 3P
   150-175MHz, 7.2V, 7W, FM PORTABLE RADIO?
M67755L MITSUBISHI-M67755L Datasheet
151Kb / 3P
   135-150MHz, 7.2V, 7W, FM PORTABLE RADIO???
M67749HR MITSUBISHI-M67749HR Datasheet
43Kb / 1P
   440-470MHz, 12.5V, 7W, FM PORTABLE RADIO?
M67749H MITSUBISHI-M67749H Datasheet
43Kb / 1P
   440-470MHz, 12.5V, 7W, FM PORTABLE RADIO?
RA07M4047MSA MITSUBISHI-RA07M4047MSA Datasheet
147Kb / 9P
   RoHS Compliance , 400-470MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M Datasheet
66Kb / 9P
   400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE/ MOBILE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_06 Datasheet
237Kb / 8P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4047M MITSUBISHI-RA07H4047M_10 Datasheet
112Kb / 9P
   RoHS Compliance ,400-470MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com