Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA801T Datasheet(PDF) 7 Page - California Eastern Labs

Part # UPA801T
Description  NPN SILICON HIGH FREQUENCY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA801T Datasheet(HTML) 7 Page - California Eastern Labs

  UPA801T Datasheet HTML 1Page - California Eastern Labs UPA801T Datasheet HTML 2Page - California Eastern Labs UPA801T Datasheet HTML 3Page - California Eastern Labs UPA801T Datasheet HTML 4Page - California Eastern Labs UPA801T Datasheet HTML 5Page - California Eastern Labs UPA801T Datasheet HTML 6Page - California Eastern Labs UPA801T Datasheet HTML 7Page - California Eastern Labs UPA801T Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
UPA801T
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
9/99
DATA SUBJECT TO CHANGE WITHOUT NOTICE
NONLINEAR MODEL
SCHEMATIC
MODEL RANGE
Frequency:
0.1 to 3.0 GHz
Bias:
VCE = 1 V to 5 V, IC = 1 mA to 10 mA
Date:
12/98
Pin_1
Pin_2
Pin_3
Pin_4
Pin_5
Pin_6
0.07 pF
CCEPKG2
CCBPKG2
0.6 nH
0.07 pF
CCE2
CCB2
0.07 pF
CCE1
0.1 pF
0.82 nH
0.6 nH
0.05 nH
0.65 nH
Q1
Q2
CCBPKG1
CCB1
LE1
LB1
LB
0.05 nH
LB
0.05 nH
LE
C_B2E2
0.05 pF
C_B1B2
0.05 pF
LB2
LE2
C_C1B2
0.1 pF
LC
0.05 nH
LC
0.05 nH
LE
0.05 nH
C_E1C2
C_C1E1
0.05 pF
0.05 pF
C_E1B2
0.1 pF
0.1 pF
0.06 pF
0.1 pF
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably
be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and
agree to fully indemnify CEL for all damages resulting from such improper use or sale.


Similar Part No. - UPA801T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA801T NEC-UPA801T Datasheet
76Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
logo
Renesas Technology Corp
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T Datasheet
19Kb / 2P
   NONLINEAR MODEL
logo
Inchange Semiconductor ...
UPA801T ISC-UPA801T Datasheet
197Kb / 2P
   isc Silicon NPN RF Transistor
logo
Renesas Technology Corp
UPA801T-T1 RENESAS-UPA801T-T1 Datasheet
217Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - UPA801T

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5943 NJSEMI-2N5943 Datasheet
222Kb / 2P
   NPN SILICON HIGH-FREQUENCY
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com