Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY27C128-150PC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY27C128-150PC
Description  128K (16K x 8-Bit) CMOS EPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27C128-150PC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY27C128-150PC Datasheet HTML 1Page - Cypress Semiconductor CY27C128-150PC Datasheet HTML 2Page - Cypress Semiconductor CY27C128-150PC Datasheet HTML 3Page - Cypress Semiconductor CY27C128-150PC Datasheet HTML 4Page - Cypress Semiconductor CY27C128-150PC Datasheet HTML 5Page - Cypress Semiconductor CY27C128-150PC Datasheet HTML 6Page - Cypress Semiconductor CY27C128-150PC Datasheet HTML 7Page - Cypress Semiconductor CY27C128-150PC Datasheet HTML 8Page - Cypress Semiconductor CY27C128-150PC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY27C128
4
Switching Waveform
tOH
tPU
tPD
tAA
C1286
(tOE)
tACE
50%
50%
A0 - A13
ADDRESS
ICC
SUPPLY
CURRENT
OE, CE
O0 - O7 PREVIOUS DATA VALID
DATA VALID
POWERDOWN CONTROLLED BY CE
(tHZOE)
tHZCE
HIGH Z
Erasure Characteristics
Wavelengths of light less than 4000 Å begin to erase the 27C128
in the windowed package. For this reason, an opaque label should
be placed over the window if the EPROM is exposed to sunlight
or fluorescent lighting for extended periods of time.
The recommended dose of ultraviolet light for erasure is a wave
length of 2537 Å for a minimum dose (UV intensity multiplied by
exposure time) of 25 Wsec/cm2. For an ultraviolet lamp with a 12
mW/cm2 power rating, the exposure time would be approximately
35 minutes. The CY27C128 needs to be within 1 inch of the lamp
during erasure. Permanent damage may result if the EPROM is
exposed to highintensity UV light for an extended period of
time. 7258 Wsec/cm2 is the recommended maximum dosage.
Programming Modes
Programming support is available from Cypress as well as from a
number of thirdparty software vendors. For detailed program
ming information, including a listing of software packages, please
see the EPROM Programming Information located at the end of
this section. Programming algorithms can be obtained from any
Cypress representative.
Table 1. CY27C128 Mode Selection
Pin Function[9]
Mode
A13 - A0
OE
CE
VPP
PGM
O7 - O0
Read
A13 - A0
VIL
VIL
X
Note 10
O7 - O0
Output Disable
A13 - A0
VIH
X
X
Note 10
High Z
Power Down
A13 - A0
X
VIH
X
Note 10
High Z
Notes:
9. X must be either VIL or VIH.
10. X must be either VIL or VIH (must not switch).


Similar Part No. - CY27C128-150PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120 CYPRESS-CY27C256-120 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120JC CYPRESS-CY27C256-120JC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120PC CYPRESS-CY27C256-120PC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
CY27C256-120WC CYPRESS-CY27C256-120WC Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results

Similar Description - CY27C128-150PC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
HT27LC010 HOLTEK-HT27LC010 Datasheet
172Kb / 15P
   CMOS 128K X 8-Bit OTP EPROM
logo
Macronix International
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
   1M-BIT [128K x 8] CMOS EPROM
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
   1M-BIT [128K x 8] CMOS EPROM
logo
Fairchild Semiconductor
NM27C128 FAIRCHILD-NM27C128 Datasheet
112Kb / 11P
   131,072-Bit (16K x 8) High Performance CMOS EPROM
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com