Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100H680 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100H680
Description  4-Bit Differential ECL Bus/TTL Bus Transceciver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H680 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100H680 Datasheet HTML 1Page - ON Semiconductor MC100H680 Datasheet HTML 2Page - ON Semiconductor MC100H680 Datasheet HTML 3Page - ON Semiconductor MC100H680 Datasheet HTML 4Page - ON Semiconductor MC100H680 Datasheet HTML 5Page - ON Semiconductor MC100H680 Datasheet HTML 6Page - ON Semiconductor MC100H680 Datasheet HTML 7Page - ON Semiconductor MC100H680 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–144
REV 6
© Motorola, Inc. 1996
9/96
4-Bit Differential ECL
Bus/TTL Bus Transceiver
The MC10H/100H680 is a dual supply 4–bit differential ECL bus to TTL
bus transceiver. It is designed to allow the system designer to no longer be
limited in bus speed associated with standard TTL busses. Using a
differential ECL Bus will increase the frequency of operation and increase
noise immunity.
Both the TTL and the ECL ports are capable of driving a bus. The ECL
outputs have the ability to drive 25
Ω, allowing both ends of the bus line to be
terminated in the characteristic impedance of 50
Ω. The TTL outputs are
specified to source 15 mA and sink 48 mA, allowing the ability to drive highly
capacitive loads.
The ECL output levels are VOH approximately equal to –1.0 V and VOL
cutoff equal to –2.0 V (VTT). When the ECL ports are disabled both EIOx and
EIOxB go to the VOL cutoff level. The ECL input receivers have special
circuitry which detects this disabled condition, prevents oscillation, and
forces the TTL output to the low state. The noise margin in this disabled state
is greater than 600 mV. Multiple ECL VCCO pins are utilized to minimize
switching noise.
The TTL ports have standard levels. The TTL input receivers have PNP
input devices to significantly reduce loading. Multiple TTL power and ground
pins are utilized to minimize switching noise.
The control pins (EDIR and ECEB) of the 10H version is compatible with
MECL 10H ECL logic levels. The control pins of the 100H version are
compatible with 100K levels.
• Differential ECL Bus (25 Ω) I/O Ports
• High Drive TTL Bus I/O Ports
• Extra TTL and ECL Power/Ground Pins to Minimize
Switching Noise
• Dual Supply
• Direction and Chip Enable Control Pins
Pinout: 28–Lead PLCC (Top View)
1
56
7
8
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
412
13
14
15
16
17
18
T101
GT2
VT1
GT1
TIO0
TDIR
EDIR
EIO3B
VCCO4
EIO3
VCCE
EIO2B
VCCO3
EIO2
PIN DESCRIPTIONS
Pin
Symbol
Function
1
GT1
TTL Ground 1
2
TIO0
TTL I/O Bit 0
3
TDIR
TTL Direction Control
4
EDIR
ECL Direction Control
5
EIO0
ECL I/O Bit 0
6
VCCO1
ECL VCC 1 (0V) – Outputs
7
EIO0B
ECL I/O Bit 0 Bar
8
VEE
ECL Supply (–5.2/–4.5V)
9
EIO1
ECL I/O Bit 1
10
VCCO2
ECL VCC 2 (0V) – Outputs
11
EIO1B
ECL I/O Bit 1 Bar
12
EIO2
ECL I/O Bit 2
13
VCCO3
ECL VCC 3 (0V) – Outputs
14
EIO2B
ECL I/O Bit 2 Bar
15
VCCE
ECL VCC (0V)
16
EIO3
ECL I/O Bit 3
17
VCCO4
ECL VCC 4 (0V) – Outputs
18
EIO3B
ECL I/O Bit 3 Bar
19
ECEB
ECL Chip Enable Bar Control
20
TCEB
TTL Chip Enable Bar Control
21
TIO3
TTL I/O Bit 3
22
GT4
TTL Ground 4
23
VT2
TTL Supply 2 (5V)
24
GT3
TTL Ground 3
25
TIO2
TTL I/O Bit 2
26
TIO1
TTL I/O Bit 1
27
GT2
TTL Ground 2
28
VT1
TTL Supply 1 (5V)
MC10H680
MC100H680
FN SUFFIX
PLASTIC PACKAGE
CASE 776–02


Similar Part No. - MC100H680

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100H680 ONSEMI-MC100H680 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC100H680FN ONSEMI-MC100H680FN Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC100H680FNG ONSEMI-MC100H680FNG Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
More results

Similar Description - MC100H680

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H680 ONSEMI-MC10H680_06 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com