Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1004V1C-C15 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6R1004V1C-C15
Description  256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1004V1C-C15 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6R1004V1C-C15 Datasheet HTML 1Page - Samsung semiconductor K6R1004V1C-C15 Datasheet HTML 2Page - Samsung semiconductor K6R1004V1C-C15 Datasheet HTML 3Page - Samsung semiconductor K6R1004V1C-C15 Datasheet HTML 4Page - Samsung semiconductor K6R1004V1C-C15 Datasheet HTML 5Page - Samsung semiconductor K6R1004V1C-C15 Datasheet HTML 6Page - Samsung semiconductor K6R1004V1C-C15 Datasheet HTML 7Page - Samsung semiconductor K6R1004V1C-C15 Datasheet HTML 8Page - Samsung semiconductor K6R1004V1C-C15 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PRELIMINARY
Revision 2.0
- 2 -
April 2000
CCPCCCRCELIMINARY
Preliminary
PRELIMINARY
K6R1004V1C-C/C-L, K6R1004V1C-I/C-P
CMOS SRAM
256K x 4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating)
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 10,12,15,20ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 30mA(Max.)
(CMOS) : 5mA(Max.)
0.5mA(Max.) L-Ver. only
Operating K6R1004V1C-10 : 75mA(Max.)
K6R1004V1C-12 : 70mA(Max.)
K6R1004V1C-15 : 68mA(Max.)
K6R1004V1C-20 : 65mA(Max.)
• Single 3.3
±0.3V Power Supply
• TTL Compatible Inputs and Outputs
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• 2V Mimimum Data Retention ; L-ver. Only
• Center Power/Ground Pin Configuration
• Standard Pin Configuration :
K6R1004V1C-J : 32-SOJ-400
The K6R1004V1C is a 1,048,576-bit high-speed Static Random
Access Memory organized as 262,144 words by 4 bits. The
K6R1004V1C uses 4 common input and output lines and has
an output enable pin which operates faster than address
access time at read cycle. The device is fabricated using SAM-
SUNG
′s advanced CMOS process and designed for high-
speed circuit technology. It is particularly well suited for use in
high-density
high-speed
system
applications.
The
K6R1004V1C is packaged in a 400 mil 32-pin plastic SOJ.
PIN FUNCTION
Pin Name
Pin Function
A0 - A17
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O4
Data Inputs/Outputs
VCC
Power(+3.3V)
VSS
Ground
N.C
No Connection
PIN CONFIGURATION(Top View)
Clk Gen.
I/O1 ~ I/O4
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
512x4 Columns
I/O Circuit &
SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A17
A16
A15
A14
A13
OE
I/O4
Vss
Vcc
I/O3
A12
A11
A10
A9
A8
N.C
N.C
A0
A1
A2
A3
CS
I/O1
Vcc
Vss
I/O2
WE
A4
A5
A6
A7
N.C
A10 A11 A12 A13 A14 A15
A0
A1
A2
A3
A4
A5
A6
A7
A9
A16 A17
A8
K6R1004V1C-C10/C12/C15/C20
Commercial Temp.
K6R1004V1C-I10/I12/I15/I20
Industrial Temp.
ORDERING INFORMATION


Similar Part No. - K6R1004V1C-C15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D-JC08 SAMSUNG-K6R1004V1D-JC08 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004V1D-JC08 SAMSUNG-K6R1004V1D-JC08 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D-JC08/10 SAMSUNG-K6R1004V1D-JC08/10 Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D-JC10 SAMSUNG-K6R1004V1D-JC10 Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
More results

Similar Description - K6R1004V1C-C15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1004C1C SAMSUNG-K6R1004C1C Datasheet
101Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
K6R1004C1D SAMSUNG-K6R1004C1D Datasheet
188Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating).
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R1008V1C-TI15 SAMSUNG-K6R1008V1C-TI15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com