Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8566LE895-CC Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8566LE895-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8566LE895-CC Datasheet(HTML) 4 Page - California Eastern Labs

  NX8566LE895-CC Datasheet HTML 1Page - California Eastern Labs NX8566LE895-CC Datasheet HTML 2Page - California Eastern Labs NX8566LE895-CC Datasheet HTML 3Page - California Eastern Labs NX8566LE895-CC Datasheet HTML 4Page - California Eastern Labs NX8566LE895-CC Datasheet HTML 5Page - California Eastern Labs NX8566LE895-CC Datasheet HTML 6Page - California Eastern Labs NX8566LE895-CC Datasheet HTML 7Page - California Eastern Labs NX8566LE895-CC Datasheet HTML 8Page - California Eastern Labs NX8566LE895-CC Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NX8564/8565/8566LE SERIES
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (1/2)
NX856 LE
-
CC : SC-UPC connector
BC : FC-UPC connector (option)
Without wavelength code : Wavelength is a certain point between
1528 to 1565 nm, 1579 to 1609 nm
With wavelength code
: Refer to
Table A
4 : 360 km (6480 ps/nm)
5 : 600 km (10800 ps/nm)
6 : 240 km (4320 ps/nm)
Wavelength
Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
Wavelength Code
ITU-T Wavelength *1
(nm)
Frequency
(THz)
287
1528.77
196.10
485
1548.51
193.60
295
1529.55
196.00
493
1549.31
193.50
303
1530.33
195.90
501
1550.11
193.40
311
1531.11
195.80
509
1550.91
193.30
318
1531.89
195.70
517
1551.72
193.20
326
1532.68
195.60
525
1552.52
193.10
334
1533.46
195.50
533
1553.32
193.00
342
1534.25
195.40
541
1554.13
192.90
350
1535.03
195.30
549
1554.94
192.80
358
1535.82
195.20
557
1555.74
192.70
366
1536.60
195.10
565
1556.55
192.60
373
1537.39
195.00
573
1557.36
192.50
381
1538.18
194.90
581
1558.17
192.40
389
1538.97
194.80
589
1558.98
192.30
397
1539.76
194.70
597
1559.79
192.20
405
1540.55
194.60
606
1560.60
192.10
413
1541.34
194.50
614
1561.41
192.00
421
1542.14
194.40
622
1562.23
191.90
429
1542.93
194.30
630
1563.04
191.80
437
1543.73
194.20
745
1574.54
190.40
445
1544.52
194.10
753
1575.36
190.30
453
1545.32
194.00
761
1576.19
190.20
461
1546.11
193.90
770
1577.02
190.10
469
1546.91
193.80
778
1577.85
190.00
477
1547.71
193.70
786
1578.68
189.90
*1 The value which omitted and computed the 3rd place below the decimal point
ORDERING INFORMATION
PART NUMBER
PACKAGING
NX8564-AZ*
Butterfly Package
NX8565-AZ*
NX8566-AZ*
*NOTE:
Please refer to the last page of this data sheet, “Compliance with EU Directives” for Pb-Free RoHS Compliance Infomation.


Similar Part No. - NX8566LE895-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8566LE RENESAS-NX8566LE Datasheet
305Kb / 16P
   LASER DIODE
2004
More results

Similar Description - NX8566LE895-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com