Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7341CL-1A-E4-A Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS7341CL-1A-E4-A
Description  CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7341CL-1A-E4-A Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS7341CL-1A-E4-A Datasheet HTML 3Page - California Eastern Labs PS7341CL-1A-E4-A Datasheet HTML 4Page - California Eastern Labs PS7341CL-1A-E4-A Datasheet HTML 5Page - California Eastern Labs PS7341CL-1A-E4-A Datasheet HTML 6Page - California Eastern Labs PS7341CL-1A-E4-A Datasheet HTML 7Page - California Eastern Labs PS7341CL-1A-E4-A Datasheet HTML 8Page - California Eastern Labs PS7341CL-1A-E4-A Datasheet HTML 9Page - California Eastern Labs PS7341CL-1A-E4-A Datasheet HTML 10Page - California Eastern Labs PS7341CL-1A-E4-A Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
4590 Patrick Henry Drive
Santa Clara, CA 95054-1817
Telephone: (408) 919-2500
Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant
with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous
Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive
2003/11/EC Restriction on Penta and Octa BDE.
CEL Pb-free products have the same base part number with a suffix added. The suffix –A indicates
that the device is Pb-free. The –AZ suffix is used to designate devices containing Pb which are
exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals.
All devices with these suffixes meet the requirements of the RoHS directive.
This status is based on CEL’s understanding of the EU Directives and knowledge of the materials that
go into its products as of the date of disclosure of this information.
Restricted Substance
per RoHS
Concentration Limit per RoHS
(values are not yet fixed)
Concentration contained
in CEL devices
-A
-AZ
Lead (Pb)
< 1000 PPM
Not Detected
(*)
Mercury
< 1000 PPM
Not Detected
Cadmium
< 100 PPM
Not Detected
Hexavalent Chromium
< 1000 PPM
Not Detected
PBB
< 1000 PPM
Not Detected
PBDE
< 1000 PPM
Not Detected
If you should have any additional questions regarding our devices and compliance to environmental
standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance
content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information
provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better
integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate
information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL
suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for
release.
In no event shall CEL’s liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to
customer on an annual basis.
See CEL Terms and Conditions for additional clarification of warranties and liability.


Similar Part No. - PS7341CL-1A-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7341CL-1A-E4-A NEC-PS7341CL-1A-E4-A Datasheet
108Kb / 14P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7341CL-1A-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7341C-1A NEC-PS7341C-1A Datasheet
108Kb / 14P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341C-1A RENESAS-PS7341C-1A Datasheet
263Kb / 16P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7342-1A NEC-PS7342-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341-1A NEC-PS7341-1A Datasheet
107Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7141C-2A NEC-PS7141C-2A Datasheet
71Kb / 12P
   8-PIN DIP, 200 mA TYP. CURRENT LIMIT TYPE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com