Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100H646 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC100H646
Description  PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H646 Datasheet(HTML) 3 Page - ON Semiconductor

  MC100H646 Datasheet HTML 1Page - ON Semiconductor MC100H646 Datasheet HTML 2Page - ON Semiconductor MC100H646 Datasheet HTML 3Page - ON Semiconductor MC100H646 Datasheet HTML 4Page - ON Semiconductor MC100H646 Datasheet HTML 5Page - ON Semiconductor MC100H646 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIMING SOLUTIONS
BR1333 — Rev 6
3
MOTOROLA
DC CHARACTERISTICS (IVT = OVT = VCCE = 5.0V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
VOH
Output HIGH Voltage
2.6
2.6
2.6
V
IOH = 24mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 48mA
IOS
Output Short Circuit Current
mA
See Note 1
1. The outputs must not be shorted to ground, as this will result in permanent damage to the device. The high drive outputs of this device do not
include a limiting IOS resistor.
TTL DC CHARACTERISTICS (VT = VE = 5.0 V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
IIH
Input HIGH Current
20
100
20
100
20
100
µA
VIN = 2.7 V
VIN = 7.0 V
IIL
Input LOW Current
–0.6
–0.6
–0.6
mA
VIN = 0.5 V
VOH
Output HIGH Voltage
2.5
2.0
2.5
2.0
2.5
2.0
V
IOH = –3.0 mA
IOH = –24 mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24 mA
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
V
IIN = –18 mA
IOS
Output Short Circuit Current
–100
–225
–100
–225
–100
–225
mA
VOUT = 0 V
10H PECL DC CHARACTERISTICS (IVT = OVT = VCCE = 5.0V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Notes
IIH
Input HIGH Current
225
175
175
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
VIH
Input HIGH Voltage
3.83
4.16
3.87
4.19
3.94
4.28
V
IVT = IVO =
VCCE = 5.0V (1)
VIL
Input LOW Voltage
3.05
3.52
3.05
3.52
3.05
3.555
V
IVT = IVO =
VCCE = 5.0V (1)
VBB
Output Reference Voltage
3.62
3.73
3.65
3.75
3.69
3.81
V
IVT = IVO =
VCCE = 5.0V (1)
100H PECL DC CHARACTERISTICS (IVT = OVT = VCCE = 5.0V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Notes
IIH
Input HIGH Current
225
175
175
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
VIH
Input HIGH Voltage
3.835
4.12
3.835
4.12
3.835
3.835
V
IVT = IVO =
VCCE = 5.0V (1)
VIL
Input LOW Voltage
3.19
3.525
3.19
3.525
3.19
3.525
V
IVT = IVO =
VCCE = 5.0V (1)
VBB
Output Reference Voltage
3.62
3.74
3.62
3.74
3.62
3.74
V
IVT = IVO =
VCCE = 5.0V (1)
1. ECL VIH, VIL and VBB are referenced to VCCE and will vary 1:1 with the power supply. The levels shown are for IVT = IVO = VCCE = 5.0V


Similar Part No. - MC100H646

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100H646 ONSEMI-MC100H646 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
MC100H646FN ONSEMI-MC100H646FN Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
MC100H646FNG ONSEMI-MC100H646FNG Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
MC100H646FNR2 ONSEMI-MC100H646FNR2 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
MC100H646FNR2G ONSEMI-MC100H646FNR2G Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
More results

Similar Description - MC100H646

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com