Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7241-AT5-F3 Datasheet(PDF) 6 Page - NEC

Part # PS7241-AT5-F3
Description  8-PIN SOP SOLID STATE RELAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7241-AT5-F3 Datasheet(HTML) 6 Page - NEC

  PS7241-AT5-F3 Datasheet HTML 1Page - NEC PS7241-AT5-F3 Datasheet HTML 2Page - NEC PS7241-AT5-F3 Datasheet HTML 3Page - NEC PS7241-AT5-F3 Datasheet HTML 4Page - NEC PS7241-AT5-F3 Datasheet HTML 5Page - NEC PS7241-AT5-F3 Datasheet HTML 6Page - NEC PS7241-AT5-F3 Datasheet HTML 7Page - NEC PS7241-AT5-F3 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
30
20
10
5
2
1
0.5
0.2
0.1
00.2
0.4
0.6
0.8
1.0
25 mA
10 mA
5 mA
2 mA
IF = 1 mA
50
40
30
20
10
0
24
6
8
10
10 mA
IF = 5 mA
20 mA
15 mA
30
m
A
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector Saturation Voltage, VCE(sat), (V)
Collector to Emitter Voltage, VCE (V)
PS7241-AT1, PS7241-AT5
PHOTOCOUPLER TYPICAL PERFORMANCE CURVES (TA = 25˚C)
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100
Normalized to 1.0
at TA = 25 °C
IF = 5 mA, VCE = 5 V
300
250
200
150
100
50
0.05 0.1
0.5
1
5
10
5 0
VCE = 5 V
VCC = 5 V
IC = 2 mA
100
50
10
5
1
0.5
50
100
500
1K
2K
ton
toff
td
ts
1000
500
100
50
10
5
1
0.5
0.1
100
500
1K
5K
10K
50K 100K
IF = 5 mA
VCC = 5 V
TA = 25 °C
CTR = 100%
tf
ts
tr
td
NORMALIZED OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO (CTR)
vs. FORWARD CURRENT
SWITCHING TIME
vs. LOAD RESISTANCE
SWITCHING TIME
vs. LOAD RESISTANCE
Ambient Temperature, TA (˚C)
Forward Current, IF (mA)
Load Resistance, RL (Ω)
Load Resistance, RL (Ω)


Similar Part No. - PS7241-AT5-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-AT5-F3 CEL-PS7241-AT5-F3 Datasheet
72Kb / 8P
   8-PIN SOP SOLID STATE RELAY
More results

Similar Description - PS7241-AT5-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-AT1 CEL-PS7241-AT1 Datasheet
72Kb / 8P
   8-PIN SOP SOLID STATE RELAY
PS7200N-1A CEL-PS7200N-1A Datasheet
21Kb / 2P
   4 PIN SOP SOLID STATE RELAY
logo
NEC
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
California Eastern Labs
PS7200J-1A CEL-PS7200J-1A Datasheet
47Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
NEC
PS7142-2A NEC-PS7142-2A Datasheet
44Kb / 7P
   8 PIN DIP SOLID STATE RELAY
PS7111-2A NEC-PS7111-2A_01 Datasheet
50Kb / 6P
   8 PIN DIP SOLID STATE RELAY
PS7200J-1A NEC-PS7200J-1A Datasheet
44Kb / 5P
   4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY
logo
California Eastern Labs
PS7841-A15 CEL-PS7841-A15 Datasheet
36Kb / 3P
   FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
PS7111-2A CEL-PS7111-2A Datasheet
51Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
Vishay Siliconix
LH1540ACD VISHAY-LH1540ACD Datasheet
98Kb / 4P
   1 Form A SOP Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com