Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8560LJ525-CC Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8560LJ525-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8560LJ525-CC Datasheet(HTML) 1 Page - California Eastern Labs

  NX8560LJ525-CC Datasheet HTML 1Page - California Eastern Labs NX8560LJ525-CC Datasheet HTML 2Page - California Eastern Labs NX8560LJ525-CC Datasheet HTML 3Page - California Eastern Labs NX8560LJ525-CC Datasheet HTML 4Page - California Eastern Labs NX8560LJ525-CC Datasheet HTML 5Page - California Eastern Labs NX8560LJ525-CC Datasheet HTML 6Page - California Eastern Labs NX8560LJ525-CC Datasheet HTML 7Page - California Eastern Labs NX8560LJ525-CC Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NEC's EA MODULATOR
INTEGRATED InGaAsP MQW DFB
LASER DIODE IN BUTTERFLY PACKAGE
WITH GPO CONNECTOR
FOR 10 Gb/s DWDM APPLICATIONS
NX8560LJ
SERIES
FEATURES
INTEGRATED ELECTROABSORPTION MODULATOR
UP TO 40 km TRANSMISSION CAPABILITY
WITH STANDARD SINGLE MODE FIBER
(dispersion 800 ps/nm)
• LOW MODULATION VOLTAGE
• 7-PIN BUTTERFLY PACKAGE WITH GPO™
CONNECTOR
• AVAILABLE FOR DWDM WAVELENGTH
BASED ON ITU-T RECOMMENDATION
NEC's NX8560LJ Series are an Electro-Absorption (EA)
Modulator integrated, 1550 nm Multiple Quantum Well (MQW)
structured Distributed Feed-Back (DFB) laser diodes. It is ca-
pable of transmitting up to 40 km for 10 Gb/s applications by
using standard fiber dispersion 800 ps/nm and is available for
Dense Wavelength Multiplexing (DWDM) wavelength based
on ITU-T recommendations.
DESCRIPTION
California Eastern Laboratories


Similar Part No. - NX8560LJ525-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8560LJ525-CC RENESAS-NX8560LJ525-CC Datasheet
270Kb / 13P
   LASER DIODE
2004
More results

Similar Description - NX8560LJ525-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
NX8564LE CEL-NX8564LE Datasheet
570Kb / 11P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
logo
Bookham, Inc.
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
logo
Bookham, Inc.
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8563 CEL-NX8563 Datasheet
210Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE FOR DWDM APPLICATIONS (10 mW MIN)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com