Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7142-1B-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS7142-1B-A
Description  6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7142-1B-A Datasheet(HTML) 4 Page - California Eastern Labs

  PS7142-1B-A Datasheet HTML 1Page - California Eastern Labs PS7142-1B-A Datasheet HTML 2Page - California Eastern Labs PS7142-1B-A Datasheet HTML 3Page - California Eastern Labs PS7142-1B-A Datasheet HTML 4Page - California Eastern Labs PS7142-1B-A Datasheet HTML 5Page - California Eastern Labs PS7142-1B-A Datasheet HTML 6Page - California Eastern Labs PS7142-1B-A Datasheet HTML 7Page - California Eastern Labs PS7142-1B-A Datasheet HTML 8Page - California Eastern Labs PS7142-1B-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PS7142-1B,-2B,PS7142L-1B,-2B
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Ratings
Parameter
Symbol
PS7142-1B,
PS7142L-1B
PS7142-2B,
PS7142L-2B
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW/ch
Peak Forward Current
*1
IFP
1
A
MOS FET
Break Down Voltage
VL
400
V
Continuous
Connection A
IL
200
mA
Load Current
*2
Connection B
250
Connection C
400
Pulse Load Current
*3
(AC/DC Connection)
ILP
400
mA
Power Dissipation
PD
560
375
mW/ch
Isolation Voltage
*4
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
610
850
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 Conditions: IF
≥ 2 mA. The following types of load connections are available.
Connection A
VL (AC/DC)
1
6
25
4
3
IL
L
Connection B
Connection C
1
6
2
5
4
3
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
L
VL (DC)
+
IL + IL
*3 PW = 100 ms, 1 shot
*4 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output
Data Sheet PN10285EJ01V1DS
4


Similar Part No. - PS7142-1B-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-1B-A CEL-PS7142-1B-A Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7142-1B-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
   6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com