Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8571SC362-BA Datasheet(PDF) 9 Page - California Eastern Labs

Part # NX8571SC362-BA
Description  1550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8571SC362-BA Datasheet(HTML) 9 Page - California Eastern Labs

Back Button NX8571SC362-BA Datasheet HTML 5Page - California Eastern Labs NX8571SC362-BA Datasheet HTML 6Page - California Eastern Labs NX8571SC362-BA Datasheet HTML 7Page - California Eastern Labs NX8571SC362-BA Datasheet HTML 8Page - California Eastern Labs NX8571SC362-BA Datasheet HTML 9Page - California Eastern Labs NX8571SC362-BA Datasheet HTML 10Page - California Eastern Labs NX8571SC362-BA Datasheet HTML 11Page - California Eastern Labs NX8571SC362-BA Datasheet HTML 12Page - California Eastern Labs NX8571SC362-BA Datasheet HTML 13Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NX8571 Series
Table A: DWDM wavelength base on ITU-T recommendations (@ TLD = Tset) (5/7)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Monitor Slope
4 channel tunable
single channel
(nm)
(THz)
799D
786
1578.68
189.90
Negative
791
1579.10
189.85
Positive
795
1579.51
189.80
Negative
799
1579.93
189.75
Positive
816D
803
1580.35
189.70
Negative
807
1580.76
189.65
Positive
811
1581.18
189.60
Negative
816
1581.60
189.55
Positive
832D
820
1582.01
189.50
Negative
824
1582.43
189.45
Positive
828
1582.85
189.40
Negative
832
1583.27
189.35
Positive
849D
836
1583.69
189.30
Negative
841
1584.10
189.25
Positive
845
1584.52
189.20
Negative
849
1584.94
189.15
Positive
866D
853
1585.36
189.10
Negative
857
1585.78
189.05
Positive
862
1586.20
189.00
Negative
866
1586.62
188.95
Positive
883D
870
1587.04
188.90
Negative
874
1587.46
188.85
Positive
878
1587.88
188.80
Negative
883
1588.30
188.75
Positive
899D
887
1588.72
188.70
Negative
891
1589.14
188.65
Positive
895
1589.56
188.60
Negative
899
1589.98
188.55
Positive
916D
904
1590.41
188.50
Negative
908
1590.83
188.45
Positive
912
1591.25
188.40
Negative
916
1591.67
188.35
Positive
*1 The value which omitted and computed the 3rd place below the decimal point
Data Sheet PL10136EJ03V0DS
9


Similar Part No. - NX8571SC362-BA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8571SC362D-BA RENESAS-NX8571SC362D-BA Datasheet
313Kb / 17P
   LASER DIODE
2005
More results

Similar Description - NX8571SC362-BA

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8570 CEL-NX8570 Datasheet
794Kb / 14P
   1 550 nm CW LIGHT SOURCE InGaAsP MQW-DFB LASER DIODE MODULE WITH WAVELENGTH MONITOR
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
   1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
logo
California Eastern Labs
NX8563LF CEL-NX8563LF_05 Datasheet
456Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
California Eastern Labs
NX8562LF CEL-NX8562LF Datasheet
338Kb / 10P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE CW LIGHT SOURCE FOR DWDM APPLICATIONS
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
   NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
   CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8530NH CEL-NX8530NH Datasheet
331Kb / 11P
   1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com