Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7160L-1A-E4 Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS7160L-1A-E4
Description  6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7160L-1A-E4 Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS7160L-1A-E4 Datasheet HTML 3Page - California Eastern Labs PS7160L-1A-E4 Datasheet HTML 4Page - California Eastern Labs PS7160L-1A-E4 Datasheet HTML 5Page - California Eastern Labs PS7160L-1A-E4 Datasheet HTML 6Page - California Eastern Labs PS7160L-1A-E4 Datasheet HTML 7Page - California Eastern Labs PS7160L-1A-E4 Datasheet HTML 8Page - California Eastern Labs PS7160L-1A-E4 Datasheet HTML 9Page - California Eastern Labs PS7160L-1A-E4 Datasheet HTML 10Page - California Eastern Labs PS7160L-1A-E4 Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PS7160-1A,PS7160L-1A
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
220˚C
Time (s)
(heating)
to 10 s
to 60 s
260˚C MAX.
Recommended Temperature Profile of Infrared Reflow
120±30 s
(preheating)
180˚C
120˚C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
Data Sheet PN10289EJ01V1DS
10


Similar Part No. - PS7160L-1A-E4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7160L-1A-E4 RENESAS-PS7160L-1A-E4 Datasheet
225Kb / 16P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
More results

Similar Description - PS7160L-1A-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
   6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7142-1A CEL-PS7142-1A Datasheet
482Kb / 10P
   NECs 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7360-1A CEL-PS7360-1A Datasheet
201Kb / 14P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com