Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7200E-1A-E3 Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS7200E-1A-E3
Description  4-PIN SOP, 0.8 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7200E-1A-E3 Datasheet(HTML) 3 Page - California Eastern Labs

  PS7200E-1A-E3 Datasheet HTML 1Page - California Eastern Labs PS7200E-1A-E3 Datasheet HTML 2Page - California Eastern Labs PS7200E-1A-E3 Datasheet HTML 3Page - California Eastern Labs PS7200E-1A-E3 Datasheet HTML 4Page - California Eastern Labs PS7200E-1A-E3 Datasheet HTML 5Page - California Eastern Labs PS7200E-1A-E3 Datasheet HTML 6Page - California Eastern Labs PS7200E-1A-E3 Datasheet HTML 7Page - California Eastern Labs PS7200E-1A-E3 Datasheet HTML 8Page - California Eastern Labs PS7200E-1A-E3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PS7200E-1A
ORDERING INFORMATION (Solder Contains Lead)
Part Number
Package
Packing Style
Application Part Number
*1
PS7200E-1A
4-pin SOP
Magazine case 100 pcs
PS7200E-1A
PS7200E-1A-E3
Embossed Tape 900 pcs/reel
PS7200E-1A-E4
PS7200E-1A-F3
Embossed Tape 3 500 pcs/reel
PS7200E-1A-F4
*1 For the application of the Safety Standard, following part number should be used.
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Packing Style
Application Part Number
*1
PS7200E-1A-A
4-pin SOP
Magazine case 100 pcs
PS7200E-1A
PS7200E-1A-E3-A
Embossed Tape 900 pcs/reel
PS7200E-1A-E4-A
PS7200E-1A-F3-A
Embossed Tape 3 500 pcs/reel
PS7200E-1A-F4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1
A
MOS FET
Break Down Voltage
VL
40
V
Continuous Load Current
IL
250
mA
Power Dissipation
PD
100
mW
Isolation Voltage
*2
BV
1 500
Vr.m.s.
Total Power Dissipation
PT
150
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output
Data Sheet PN10293EJ01V0DS
3


Similar Part No. - PS7200E-1A-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200E-1A RENESAS-PS7200E-1A Datasheet
260Kb / 16P
   4-PIN SOP, 0.8 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7200E-1A-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7200E-1A RENESAS-PS7200E-1A Datasheet
260Kb / 16P
   4-PIN SOP, 0.8 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
List of Unclassifed Man...
PS7200K-1A ETC1-PS7200K-1A Datasheet
351Kb / 11P
   4-PIN SOP, 1.1 Ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7200H-1A CEL-PS7200H-1A Datasheet
340Kb / 11P
   4-PIN SOP, 2.2 ohm LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
   4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7214-1A NEC-PS7214-1A Datasheet
107Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200B-1A RENESAS-PS7200B-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7214-1A RENESAS-PS7214-1A Datasheet
257Kb / 15P
   4-PIN SOP, 1.0 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7200B-1A NEC-PS7200B-1A Datasheet
79Kb / 12P
   4-PIN SOP 1.0 W LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com