Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7142L-1A-E4 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS7142L-1A-E4
Description  NECs 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7142L-1A-E4 Datasheet(HTML) 1 Page - California Eastern Labs

  PS7142L-1A-E4 Datasheet HTML 1Page - California Eastern Labs PS7142L-1A-E4 Datasheet HTML 2Page - California Eastern Labs PS7142L-1A-E4 Datasheet HTML 3Page - California Eastern Labs PS7142L-1A-E4 Datasheet HTML 4Page - California Eastern Labs PS7142L-1A-E4 Datasheet HTML 5Page - California Eastern Labs PS7142L-1A-E4 Datasheet HTML 6Page - California Eastern Labs PS7142L-1A-E4 Datasheet HTML 7Page - California Eastern Labs PS7142L-1A-E4 Datasheet HTML 8Page - California Eastern Labs PS7142L-1A-E4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PS7142-1A
PS7142L-1A
NEC's 6-PIN DIP
400 V BREAK DOWN VOLTAGE
1-CH OPTICAL COUPLED MOS FET
California Eastern Laboratories
1 CHANNEL TYPE:
1 a Output
• LOW LED OPERATING CURRENT:
IF= 2mA
DESIGNED FOR AC/DC SWITCHING LINE CHANGER
SMALL PACKAGE:
6-Pin DIP
LOW OFFSET VOLTAGE
PS7142L-1A:
Surface mount type
SAFETY STANDARDS:
UL approved: File No. E72422 (S)
BSI approved: File No. 8245/8246
CSA approved: File No. CA 101391
FEATURES
DATA SHEET
NEC's PS7142-1A and PS7142L-1A are solid state
relays containing GaAs LEDs on the light emitting
side (input side) and MOS FETs on the output side.
They are suitable for analog signal control because of
their low offset and high linearity.
The PS7142L-1A has a surface mount type lead.
DESCRIPTION
Exchange Equipment
Measurement Equipment
FA/OA Equipment
APPLICATION


Similar Part No. - PS7142L-1A-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142L-1A-E4-A CEL-PS7142L-1A-E4-A Datasheet
465Kb / 11P
   6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
More results

Similar Description - PS7142L-1A-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141E-1A RENESAS-PS7141E-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
   6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2A CEL-PS7241-2A Datasheet
330Kb / 10P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com