Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141E-1A-A Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS7141E-1A-A
Description  6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7141E-1A-A Datasheet(HTML) 4 Page - California Eastern Labs

  PS7141E-1A-A Datasheet HTML 1Page - California Eastern Labs PS7141E-1A-A Datasheet HTML 2Page - California Eastern Labs PS7141E-1A-A Datasheet HTML 3Page - California Eastern Labs PS7141E-1A-A Datasheet HTML 4Page - California Eastern Labs PS7141E-1A-A Datasheet HTML 5Page - California Eastern Labs PS7141E-1A-A Datasheet HTML 6Page - California Eastern Labs PS7141E-1A-A Datasheet HTML 7Page - California Eastern Labs PS7141E-1A-A Datasheet HTML 8Page - California Eastern Labs PS7141E-1A-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ORDERING INFORMATION (Solder Contains Lead)
Part Number
Package
Packing Style
Application Part Number
*1
PS7141E-1A
6-pin DIP
Magazine case 50 pcs
PS7141E-1A
PS7141EL-1A
PS7141EL-1A
PS7141EL-1A-E3
Embossed Tape 1 000 pcs/reel
PS7141EL-1A-E4
*1 For the application of the Safety Standard, following part number should be used.
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Packing Style
Application Part Number
*1
PS7141E-1A-A
6-pin DIP
Magazine case 50 pcs
PS7141E-1A
PS7141EL-1A-A
PS7141EL-1A
PS7141EL-1A-E3-A
Embossed Tape 1 000 pcs/reel
PS7141EL-1A-E4-A
*1 For the application of the Safety Standard, following part number should be used.
Data Sheet PN10439EJ01V0DS
4
PS7141E-1A,PS7141EL-1A


Similar Part No. - PS7141E-1A-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141E-1A-A NEC-PS7141E-1A-A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7141E-1A-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7142-1A CEL-PS7142-1A Datasheet
482Kb / 10P
   NECs 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141E-1A RENESAS-PS7141E-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
   6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
logo
NEC
PS7122-1A NEC-PS7122-1A Datasheet
81Kb / 12P
   6, 8-PIN DIP, 200 V BREAK DOWN VOLTAGE 1-ch, 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2A CEL-PS7241-2A Datasheet
330Kb / 10P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com