Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2801A-4-V-F3 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2801A-4-V-F3
Description  HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2801A-4-V-F3 Datasheet(HTML) 2 Page - California Eastern Labs

  PS2801A-4-V-F3 Datasheet HTML 1Page - California Eastern Labs PS2801A-4-V-F3 Datasheet HTML 2Page - California Eastern Labs PS2801A-4-V-F3 Datasheet HTML 3Page - California Eastern Labs PS2801A-4-V-F3 Datasheet HTML 4Page - California Eastern Labs PS2801A-4-V-F3 Datasheet HTML 5Page - California Eastern Labs PS2801A-4-V-F3 Datasheet HTML 6Page - California Eastern Labs PS2801A-4-V-F3 Datasheet HTML 7Page - California Eastern Labs PS2801A-4-V-F3 Datasheet HTML 8Page - California Eastern Labs PS2801A-4-V-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PACKAGE DIMENSIONS (UNIT: mm)
M
0.12
0.4±0.1
1.27
PS2801A-1
PS2801A-4
4.4
7.0±0.3
0.5±0.3
2.7±0.3
10.3±0.3
4.4
7.0±0.3
0.5±0.3
1.27
M
0.12
0.40
+0.10
–0.05
4
3
1
2
16
9
1
8
MARKING EXAMPLE
1A
301
Assembly Lot
3 01
Week Assembled
Year Assembled
(Last 1 Digit)
Last number of type No. : 1A
PS2801A-1
N 3 01
Country Assembled
Assembly Lot
*1
No. 1 pin
Mark
PS2801A-4
PS2801A-4
N 301
*1
Week Assembled
Year Assembled
(Last 1 Digit)
CTR Rank Code
*1 For the external plating Pb-Free product,
L is indicated at the second digit of the rank.
*1 For external plating Pb-Free products, perform
marking to indicate that these are lead-free
products.
Data Sheet PN10398EJ02V0DS
2
PS2801A-1,PS2801A-4


Similar Part No. - PS2801A-4-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801A-4-V-F3 CEL-PS2801A-4-V-F3 Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-4-V-F3 RENESAS-PS2801A-4-V-F3 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results

Similar Description - PS2801A-4-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801C-1-P-A RENESAS-PS2801C-1-P-A Datasheet
538Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2802-1 RENESAS-PS2802-1_15 Datasheet
262Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com