Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX8565LE820-CC Datasheet(PDF) 3 Page - California Eastern Labs

Part # NX8565LE820-CC
Description  NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8565LE820-CC Datasheet(HTML) 3 Page - California Eastern Labs

  NX8565LE820-CC Datasheet HTML 1Page - California Eastern Labs NX8565LE820-CC Datasheet HTML 2Page - California Eastern Labs NX8565LE820-CC Datasheet HTML 3Page - California Eastern Labs NX8565LE820-CC Datasheet HTML 4Page - California Eastern Labs NX8565LE820-CC Datasheet HTML 5Page - California Eastern Labs NX8565LE820-CC Datasheet HTML 6Page - California Eastern Labs NX8565LE820-CC Datasheet HTML 7Page - California Eastern Labs NX8565LE820-CC Datasheet HTML 8Page - California Eastern Labs NX8565LE820-CC Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NX8564/8565/8566LE SERIES
PARAMETER
SPECIFICATION
UNIT
Mode Field Diameter
9.3±0.5
μ
m
Cladding Diameter
125±1
μ
m
Tight Buffer Diameter
900±100
μ
m
Cut-off Wavelength
< 1270
nm
Attenuation 1525 to 1575 nm
< 0.3
dB/km
Minimum Fiber Bending Radius
30
mm
Fiber Length
900 MIN.
mm
Flammability
UL1581 VW-1
OPTICAL FIBER CHARACTERISTICS
-CC : SC-UPC connector
-BC : FC-UPC connector
Fiber Length : 900 mm MIN.
35±2 mm


Similar Part No. - NX8565LE820-CC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8565 RENESAS-NX8565 Datasheet
305Kb / 16P
   LASER DIODE
2004
More results

Similar Description - NX8565LE820-CC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8567SA CEL-NX8567SA Datasheet
160Kb / 5P
   EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 240, 360, 600 km DWDM APPLICATIONS
logo
NEC
NDL7911P NEC-NDL7911P Datasheet
36Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (360 km)
NDL7912P NEC-NDL7912P Datasheet
35Kb / 5P
   1550 nm OPTICAL FIBER COMM EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s D-WDM ULTRALONG-REACH APPLICATIONS (600 km)
logo
California Eastern Labs
NX8560MC CEL-NX8560MC Datasheet
189Kb / 5P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE WITH DRIVER FOR 10 Gb/s APPLICATIONS
logo
NEC
NDL7910P NEC-NDL7910P Datasheet
67Kb / 8P
   1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
logo
California Eastern Labs
NX8508 CEL-NX8508 Datasheet
383Kb / 5P
   NECs InGaAsP MQW-DFB LASER MODULE IN COAXIAL PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX6508 CEL-NX6508 Datasheet
332Kb / 4P
   NECs InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s, CWDM APPLICATIONS
NX8560SJ CEL-NX8560SJ Datasheet
158Kb / 5P
   NECs EA MODULATOR AND WAVELENGTH MONITOR INTEGRATED 1550 nm MQW-DFB LASER DIODE MODULE FOR 10 Gb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com