Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2915-1-F3-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS2915-1-F3-A
Description  HIGH CTR, AC INPUT RESPONSE TYPE 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2915-1-F3-A Datasheet(HTML) 3 Page - California Eastern Labs

  PS2915-1-F3-A Datasheet HTML 1Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 2Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 3Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 4Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 5Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 6Page - California Eastern Labs PS2915-1-F3-A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PS2915-1
TYPICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
CTR = 200%
1 mA
10
1
0.1
0.0
0.2
0.4
0.6
0.8
1.0
5 mA
IF = 0.5 mA
2 mA
80
60
40
20
0
25
50
75
100
0.5 mA/°C
0
25
50
75
100
125
120
140
100
80
60
40
20
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
TA = +100°C
+60°C
+25°C
0°C
-25°C
-50°C
CTR = 200 %
20
18
16
14
12
10
8
6
4
2
0
2
4
6
8
10
IF = 5 mA
2 mA
1 mA
0.5 mA
10000
1000
100
10
1
-25
0
25
50
75
100
VCE = 20 V
40 V
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
Forward Voltage, VF (V)
Collector to Emitter Voltage, VCE (V)
Collector Saturation Voltage, VCE(sat) (V)
Ambient Temperature, TA (°C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENTvs.
FORWARD VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR TO EMITTER DARK CURRENT
vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE


Similar Part No. - PS2915-1-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2915-1-F3-AX RENESAS-PS2915-1-F3-AX Datasheet
464Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1-F3-AX RENESAS-PS2915-1-F3-AX Datasheet
491Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results

Similar Description - PS2915-1-F3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2915-1 RENESAS-PS2915-1_16 Datasheet
464Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2915-1 RENESAS-PS2915-1_V01 Datasheet
491Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2915-1 RENESAS-PS2915-1_15 Datasheet
429Kb / 14P
   HIGH CTR, AC INPUT RESPONSE TYPE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
California Eastern Labs
PS2911 CEL-PS2911 Datasheet
766Kb / 7P
   NECs HIGH CTR, 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER
PS2911-1-F3-M-A CEL-PS2911-1-F3-M-A Datasheet
494Kb / 13P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2911-1 RENESAS-PS2911-1_15 Datasheet
194Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_16 Datasheet
304Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PS2911-1 RENESAS-PS2911-1_V01 Datasheet
500Kb / 14P
   HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
California Eastern Labs
PS2605 CEL-PS2605 Datasheet
131Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 6 PIN OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com