Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2841-4A-F3 Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2841-4A-F3
Description  WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2841-4A-F3 Datasheet(HTML) 5 Page - California Eastern Labs

  PS2841-4A-F3 Datasheet HTML 1Page - California Eastern Labs PS2841-4A-F3 Datasheet HTML 2Page - California Eastern Labs PS2841-4A-F3 Datasheet HTML 3Page - California Eastern Labs PS2841-4A-F3 Datasheet HTML 4Page - California Eastern Labs PS2841-4A-F3 Datasheet HTML 5Page - California Eastern Labs PS2841-4A-F3 Datasheet HTML 6Page - California Eastern Labs PS2841-4A-F3 Datasheet HTML 7Page - California Eastern Labs PS2841-4A-F3 Datasheet HTML 8Page - California Eastern Labs PS2841-4A-F3 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PS2841-4A,PS2841-4B
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = 25
°C)
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
40
20
30
10
025
50
75
100
0.2 mA/˚C
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
25
50
75
100
125
70
50
60
20
30
40
10
0
0.4 mA/˚C
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
0˚C
–25˚C
–40˚C
TA = +100˚C
+60˚C
+25˚C
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
–25
0
25
50
75
100
1
10
100
1 000
10 000
VCE = 24 V
70 V
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
68
45
7
9
3
2
1
10
0
20
16
12
8
4
18
14
10
6
2
5 mA
2 mA
1 mA
0.5 mA
IF = 10 mA
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
0.1
100
10
1
0.0
0.2
0.4
0.6
0.8
1.0
CTR = 160%
IF = 0.5 mA
1 mA
2 mA
10 mA
5 mA
Remark The graphs indicate nominal characteristics.
Data Sheet PN10202EJ03V0DS
5


Similar Part No. - PS2841-4A-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2841-4A-F3 RENESAS-PS2841-4A-F3 Datasheet
230Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2841-4A-F3 RENESAS-PS2841-4A-F3 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
More results

Similar Description - PS2841-4A-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2845-4A CEL-PS2845-4A Datasheet
344Kb / 11P
   WORLDS SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SMALL SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2845-4A RENESAS-PS2845-4A_15 Datasheet
235Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2845-4A RENESAS-PS2845-4A Datasheet
228Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2841-4A RENESAS-PS2841-4A_15 Datasheet
236Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS 12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
PS2841-4A RENESAS-PS2841-4A Datasheet
230Kb / 14P
   WORLD?셎 SMALLEST CLASS, FOUR CHANNELS12-PIN ULTRA SHRINK SOP PHOTOCOUPLER
logo
Everlight Electronics C...
EL357NC-G EVERLIGHT-EL357NC-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL357N-G EVERLIGHT-EL357N-G Datasheet
374Kb / 11P
   4 PIN ULTRA SMALL SOP
logo
Diodes Incorporated
UX22 DIODES-UX22 Datasheet
901Kb / 3P
   The Worlds Smallest Ultra Low Jitter Crystal Oscillator
July 2019
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com