Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX5504EK-AZ Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX5504EK-AZ
Description  NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5504EK-AZ Datasheet(HTML) 2 Page - California Eastern Labs

  NX5504EK-AZ Datasheet HTML 1Page - California Eastern Labs NX5504EK-AZ Datasheet HTML 2Page - California Eastern Labs NX5504EK-AZ Datasheet HTML 3Page - California Eastern Labs NX5504EK-AZ Datasheet HTML 4Page - California Eastern Labs NX5504EK-AZ Datasheet HTML 5Page - California Eastern Labs NX5504EK-AZ Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NX5504 Series
PACKAGE DIMENSIONS (Units in mm)
PIN CONNECTIONS
1 (Case)
4
3
2
LD
PD
NX5504EK
1 (Case)
2
3
4
LD
PD
NX5504EH
BOTTOM VIEW
1
2
3
4
1.0±0.1
Fiber Coupling Point*1
Reference
Plane
0.3+0.1
-0.0
2.0
φ
4– 0.45
φ
5.6+0.00
-0.03
φ
4.2±0.1
φ
3.55±0.1
φ
2.0
φ
*1 Recommendation of Fiber Coupling Conditions
Fiber : SMF with 8 degree angle-polished ferrule
Fiber coupling distance : 5.80±0.05 mm from reference plane.
Fiber coupling alignment : optimixed x, y, ( x, y ≤ ±300 m).
µ
∆ ∆
θ


Similar Part No. - NX5504EK-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5504EK-AZ CEL-NX5504EK-AZ Datasheet
303Kb / 8P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
More results

Similar Description - NX5504EK-AZ

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5315 CEL-NX5315 Datasheet
349Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX7561 CEL-NX7561 Datasheet
185Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX7528 CEL-NX7528 Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7529 CEL-NX7529 Datasheet
190Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX5313 CEL-NX5313 Datasheet
162Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX6406 CEL-NX6406 Datasheet
379Kb / 5P
   NECs 1490 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com